Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM319AM/NOPB.B Datasheet(PDF) 3 Page - Texas Instruments

Part # LM319AM/NOPB.B
Description  LMx19 High Speed Dual Comparator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM319AM/NOPB.B Datasheet(HTML) 3 Page - Texas Instruments

  LM319AM/NOPB.B Datasheet HTML 1Page - Texas Instruments LM319AM/NOPB.B Datasheet HTML 2Page - Texas Instruments LM319AM/NOPB.B Datasheet HTML 3Page - Texas Instruments LM319AM/NOPB.B Datasheet HTML 4Page - Texas Instruments LM319AM/NOPB.B Datasheet HTML 5Page - Texas Instruments LM319AM/NOPB.B Datasheet HTML 6Page - Texas Instruments LM319AM/NOPB.B Datasheet HTML 7Page - Texas Instruments LM319AM/NOPB.B Datasheet HTML 8Page - Texas Instruments LM319AM/NOPB.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
3
LM119, LM219, LM319
www.ti.com
SNOSBJ2B – AUGUST 2000 – REVISED JANUARY 2016
Product Folder Links: LM119 LM219 LM319
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
4 Pin Configuration and Functions
D, J, or NFF Package
14-Pins CDIP and PDIP
Top View
LME Package
10-Pins TO-100 (Metal Can Package)
Top View
NAD Package
10-Pins CFP
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
(D, J, NFF 14)
NO.
(LME 10)
NO.
(NAD 10)
OUTPUT 1
1
12
1
O
Comparator 1 output
GND 1
2
3
2
G
Comparator 1 ground connection
INPUT 1+
3
4
3
I
Comparator 1 input
INPUT 1-
4
5
4
I
Comparator 1 input
V-
5
6
5
P
Negative supply voltage
OUTPUT 2
6
7
6
O
Comparator 2 output
GND 2
7
8
7
G
Comparator 2 ground connection
INPUT 2+
8
9
8
I
Comparator 2 input
INPUT 2-
9
10
9
I
Comparator 2 input
V+
10
11
10
P
Positive supply voltage
NC
1,2,13,14
No connect. Do not connect to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com