Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3444MM/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Part # LM3444MM/NOPB
Description  LM3444 AC-DC Offline LED Driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3444MM/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM3444MM/NOPB Datasheet HTML 6Page - Texas Instruments LM3444MM/NOPB Datasheet HTML 7Page - Texas Instruments LM3444MM/NOPB Datasheet HTML 8Page - Texas Instruments LM3444MM/NOPB Datasheet HTML 9Page - Texas Instruments LM3444MM/NOPB Datasheet HTML 10Page - Texas Instruments LM3444MM/NOPB Datasheet HTML 11Page - Texas Instruments LM3444MM/NOPB Datasheet HTML 12Page - Texas Instruments LM3444MM/NOPB Datasheet HTML 13Page - Texas Instruments LM3444MM/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
VVF-CAP =
2
VAC-RMS
2
+
+
D3
C7
C9
C10
D4
D8
VBUCK
V+
+
-
+
-
2
VBUCK
2
VBUCK
+
+
D3
C7
C8
C9
C10
D4
D5
D6
D7
D8
R7
R8
D9
R6
VBUCK
V+
+
+
D3
C7
C9
C10
D4
D8
D9
R7
R6
R8
VBUCK
V+
LM3444
SNVS682D – NOVEMBER 2010 – REVISED DECEMBER 2015
www.ti.com
Feature Description (continued)
Figure 9. Two and Three Stage Valley Fill Circuit
The valley-fill circuit allows the buck regulator to draw power throughout a larger portion of the AC line. This
allows the capacitance needed at VBUCK to be lower than if there were no valley-fill circuit, and adds passive
power factor correction (PFC) to the application.
7.3.3 Valley-Fill Operation
When the input line is high, power is derived directly through D3. The term input line is high is explained as
follows. The valley-fill circuit charges capacitors C7 and C9 in series (Figure 10) when the input line is high.
Figure 10. Two Stage Valley-Fill Circuit When AC Line is High
The peak voltage of a two-stage valley-fill capacitor is given by Equation 1.
(1)
As the AC line decreases from its peak value every cycle, there is a point where the voltage magnitude of the AC
line is equal to the voltage that each capacitor is charged. At this point, diode D3 becomes reversed biased, and
the capacitors are placed in parallel to each other (Figure 11), and VBUCK equals the capacitor voltage.
10
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: LM3444



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com