Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3444MM/NOPB.B Datasheet(PDF) 8 Page - Texas Instruments

Part # LM3444MM/NOPB.B
Description  LM3444 AC-DC Offline LED Driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3444MM/NOPB.B Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM3444MM/NOPB.B Datasheet HTML 4Page - Texas Instruments LM3444MM/NOPB.B Datasheet HTML 5Page - Texas Instruments LM3444MM/NOPB.B Datasheet HTML 6Page - Texas Instruments LM3444MM/NOPB.B Datasheet HTML 7Page - Texas Instruments LM3444MM/NOPB.B Datasheet HTML 8Page - Texas Instruments LM3444MM/NOPB.B Datasheet HTML 9Page - Texas Instruments LM3444MM/NOPB.B Datasheet HTML 10Page - Texas Instruments LM3444MM/NOPB.B Datasheet HTML 11Page - Texas Instruments LM3444MM/NOPB.B Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
LM3444
VCC UVLO
S
R
Q
PWM
I-LIM
1.27V
ISNS
COFF
MOSFET
DRIVER
PGND
GATE
FILTER
VCC
1.276V
THERMAL
SHUTDOWN
1M
1k
INTERNAL
REGULATORS
750 mV
33
Ö
125 ns
LEADING EDGE BLANKING
COFF
LATCH
CONTROLLER
START
LM3444
SNVS682D – NOVEMBER 2010 – REVISED DECEMBER 2015
www.ti.com
7 Detailed Description
7.1 Overview
The LM3444 device contains all the necessary circuitry to build a line-powered (mains powered) constant current
LED driver.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Theory of Operation
For an image of the LM3444 along with basic external circuitry, see Figure 8.
8
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: LM3444



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com