Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PXPPVC08FIM05BCL100PVC Datasheet(PDF) 2 Page - Bulgin Limited. All rights reserved.

Part # PXPPVC08FIM05BCL100PVC
Description  M8 Series
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PXPPVC08FIM05BCL100PVC Datasheet(HTML) 2 Page - Bulgin Limited. All rights reserved.

  PXPPVC08FIM05BCL100PVC Datasheet HTML 1Page - Bulgin Limited. All rights reserved. PXPPVC08FIM05BCL100PVC Datasheet HTML 2Page - Bulgin Limited. All rights reserved. PXPPVC08FIM05BCL100PVC Datasheet HTML 3Page - Bulgin Limited. All rights reserved. PXPPVC08FIM05BCL100PVC Datasheet HTML 4Page - Bulgin Limited. All rights reserved. PXPPVC08FIM05BCL100PVC Datasheet HTML 5Page - Bulgin Limited. All rights reserved. PXPPVC08FIM05BCL100PVC Datasheet HTML 6Page - Bulgin Limited. All rights reserved. PXPPVC08FIM05BCL100PVC Datasheet HTML 7Page - Bulgin Limited. All rights reserved. PXPPVC08FIM05BCL100PVC Datasheet HTML 8Page - Bulgin Limited. All rights reserved. PXPPVC08FIM05BCL100PVC Datasheet HTML 9Page - Bulgin Limited. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Part Number
Poles
Code
Termination
Lead Length
PXMBNI08RPM03APC
03
A
PCB Terminal
-
PXMBNI08RPM04APC
04
A
PCB Terminal
-
PXMBNI08RPM05BPC
05
B
PCB Terminal
-
PXMBNI08RPM03AFL001
03
A
Flying Lead
100 mm Lead Length
PXMBNI08RPM03AFL002
03
A
Flying Lead
200 mm Lead Length
PXMBNI08RPM03AFL003
03
A
Flying Lead
300 mm Lead Length
PXMBNI08RPM04AFL001
04
A
Flying Lead
100 mm Lead Length
PXMBNI08RPM04AFL002
04
A
Flying Lead
200 mm Lead Length
PXMBNI08RPM04AFL003
04
A
Flying Lead
300 mm Lead Length
PXMBNI08RPM05BFL001
05
B
Flying Lead
100 mm Lead Length
PXMBNI08RPM05BFL002
05
B
Flying Lead
200 mm Lead Length
PXMBNI08RPM05BFL003
05
B
Flying Lead
300 mm Lead Length
Part Number
Poles
Code
Termination
Lead Length
PXMBNI08RPF03APC
03
A
PCB Terminal
-
PXMBNI08RPF04APC
04
A
PCB Terminal
-
PXMBNI08RPF05BPC
05
B
PCB Terminal
-
PXMBNI08RPF03AFL001
03
A
Flying Lead
100 mm Lead Length
PXMBNI08RPF03AFL002
03
A
Flying Lead
200 mm Lead Length
PXMBNI08RPF03AFL003
03
A
Flying Lead
300 mm Lead Length
PXMBNI08RPF04AFL001
04
A
Flying Lead
100 mm Lead Length
PXMBNI08RPF04AFL002
04
A
Flying Lead
200 mm Lead Length
PXMBNI08RPF04AFL003
04
A
Flying Lead
300 mm Lead Length
PXMBNI08RPF05BFL001
05
B
Flying Lead
100 mm Lead Length
PXMBNI08RPF05BFL002
05
B
Flying Lead
200 mm Lead Length
PXMBNI08RPF05BFL003
05
B
Flying Lead
300 mm Lead Length
BUCCANEER
M8 Series
M8 Rear Panel Mounting Male
○ Available in 3, 4 and 5 poles
○ PCB or flying lead termination
○ Rear panel mounting M8
PXMBNI08RPM
○ Mates with Flex Body
connectors
M8 Rear Panel Mounting Female
○ Available in 3, 4 and 5 poles
○ PCB or flying lead termination
○ Rear panel mounting M11 nut
PXMBNI08RPF
○ Mates with Flex Inline Body
connectors
M8 Buccaneer
1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com