Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TOP226YN Datasheet(PDF) 18 Page - Power Integrations, Inc.

Part # TOP226YN
Description  Three-Terminal Off-Line PWM Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP226YN Datasheet(HTML) 18 Page - Power Integrations, Inc.

Back Button TOP226YN Datasheet HTML 12Page - Power Integrations, Inc. TOP226YN Datasheet HTML 13Page - Power Integrations, Inc. TOP226YN Datasheet HTML 14Page - Power Integrations, Inc. TOP226YN Datasheet HTML 15Page - Power Integrations, Inc. TOP226YN Datasheet HTML 16Page - Power Integrations, Inc. TOP226YN Datasheet HTML 17Page - Power Integrations, Inc. TOP226YN Datasheet HTML 18Page - Power Integrations, Inc. TOP226YN Datasheet HTML 19Page - Power Integrations, Inc. TOP226YN Datasheet HTML 20Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Rev. G 08/16
18
TOP221-227
www.power.com
B
K
F
G
C
J
L
M
E
A
D
DIM
A
B
C
D
E
F
G
H
J
K
L
M
N
O
P
PI-1848-050602
inches
.460-.480
.400-.415
.236-.260
.240 - REF.
.520-.560
.028-.038
.045-.055
.090-.110
.165-.185
.045-.055
.095-.115
.015-.020
.705-.715
.146-.156
.103-.113
mm
11.68-12.19
10.16-10.54
5.99-6.60
6.10 - REF.
13.21-14.22
.71-.97
1.14-1.40
2.29-2.79
4.19-4.70
1.14-1.40
2.41-2.92
.38-.51
17.91-18.16
3.71-3.96
2.62-2.87
H
N
O
P
Notes:
1. Package dimensions conform
to JEDEC specification TO-220
AB for standard flange
mounted, peripheral lead
package; .100 inch lead
spacing (Plastic) 3 leads (issue
J, March 1987).
2. Controlling dimensions are
inches.
3. Pin numbers start with Pin 1,
and continue from left to right
when viewed from the top.
4. Dimensions shown do not
include mold flash or other
protrusions. Mold flash or
protrusions shall not exceed
.006 (.15 mm) on any side.
5. Position of terminals to be
measured at a position .25
(6.35 mm) from the body.
6. All terminals are solder plated.
7. Bent lead should be 12 mil
max.
Plastic TO-220/3
Y03A
PI-2076-081716
1
A
K
J1
4
L
G
8
5
C
N
PDIP-8 (P Package)
D S .004 (.10)
J2
-E-
-D-
B
-F-
DIM
A
B
C
G
H
J1
J2
K
L
M
N
P
Q
Inches
0.356-0.387
0.240-0.260
0.125-0.145
0.015-0.040
0.118-0.140
0.057-0.068
0.014-0.022
0.008-0.015
0.100 BSC
0.030 (MIN)
0.300-0.320
0.300-0.390
0.300 BSC
mm
9.05-9.83
6.10-6.60
3.18-3.68
0.38-1.02
3.00-3.56
1.45-1.73
0.36-0.56
0.20-0.38
2.54 BSC
0.76 (MIN)
7.62-8.13
7.62-9.91
7.62 BSC
Notes:
1. Package dimensions conform to JEDEC
specification MS-001-AB for standard dual in-line
(DIP) package .300 inch row spacing (PLASTIC)
8 leads (issue B, 7/85).
2. Controlling dimensions are inches.
3. Dimensions shown do not include mold flash
or other protrusions. Mold flash or protrusions
shall not exceed .006 (.15) on any side.
4. D, E and F are reference datums on the molded
body.
H
M
P
Q
P08A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com