Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM4030AMF-2.5/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Part # LM4030AMF-2.5/NOPB
Description  LM4030 SOT-23 Ultra-High Precision Shunt Voltage Reference
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4030AMF-2.5/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LM4030AMF-2.5/NOPB Datasheet HTML 1Page - Texas Instruments LM4030AMF-2.5/NOPB Datasheet HTML 2Page - Texas Instruments LM4030AMF-2.5/NOPB Datasheet HTML 3Page - Texas Instruments LM4030AMF-2.5/NOPB Datasheet HTML 4Page - Texas Instruments LM4030AMF-2.5/NOPB Datasheet HTML 5Page - Texas Instruments LM4030AMF-2.5/NOPB Datasheet HTML 6Page - Texas Instruments LM4030AMF-2.5/NOPB Datasheet HTML 7Page - Texas Instruments LM4030AMF-2.5/NOPB Datasheet HTML 8Page - Texas Instruments LM4030AMF-2.5/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
TEMPERATURE (
oC)
-40 -20
0
20
40
60
80 100 120
2.497
2.498
2.499
2.5
2.501
2.502
2.503
5 TYPICAL UNITS
LM4030
www.ti.com
SNVS552B – MARCH 2008 – REVISED APRIL 2013
Typical Performance Characteristics for 2.5V
Output Voltage
vs
Temperature
0.1 - 10 Hz Peak-to-Peak Noise
Figure 1.
Figure 2.
Start Up - 120 µA
Start Up - 50 mA
Figure 3.
Figure 4.
Reverse Dynamic Impedance
vs
Reverse Breakdown Voltage Change with Current
Frequency
Figure 5.
Figure 6.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM4030



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com