Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM4876M/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Part # LM4876M/NOPB
Description  LM4876 1.1W Audio Power Amplifier with Logic Low Shutdown
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4876M/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM4876M/NOPB Datasheet HTML 6Page - Texas Instruments LM4876M/NOPB Datasheet HTML 7Page - Texas Instruments LM4876M/NOPB Datasheet HTML 8Page - Texas Instruments LM4876M/NOPB Datasheet HTML 9Page - Texas Instruments LM4876M/NOPB Datasheet HTML 10Page - Texas Instruments LM4876M/NOPB Datasheet HTML 11Page - Texas Instruments LM4876M/NOPB Datasheet HTML 12Page - Texas Instruments LM4876M/NOPB Datasheet HTML 13Page - Texas Instruments LM4876M/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LM4876
SNAS054E – FEBRUARY 2000 – REVISED MAY 2013
www.ti.com
SELECTING PROPER EXTERNAL COMPONENTS
Optimizing the LM4876's performance requires properly selecting external components. Though the LM4876
operates well when using external components with wide tolerances, best performance is achieved by optimizing
component values.
The LM4876 is unity-gain stable, giving a designer maximum design flexibility. The gain should be set to no more
than a given application requires. This allows the amplifier to achieve minimum THD+N and maximum signal-to-
noise ratio. These parameters are compromised as the closed-loop gain increases. However, low gain demands
input signals with greater voltage swings to achieve maximum output power. Fortunately, many signal sources
such as audio CODECs have outputs of 1VRMS (2.83VP-P). Please refer to the AUDIO POWER AMPLIFIER
DESIGN section for more information on selecting the proper gain.
Input Capacitor Value Selection
Amplifying the lowest audio frequencies requires high value input coupling capacitor (Ci in Figure 1). A high value
capacitor can be expensive and may compromise space efficiency in portable designs. In many cases, however,
the speakers used in portable systems, whether internal or external, have little ability to reproduce signals below
150 Hz. Applications using speakers with this limited low frequency response reap little improvement by using a
large input capacitor.
Besides affecting system cost and size, Ci also affects the LM4876's click and pop performance. When the
supply voltage is first applied, a transient (pop) is created as the charge on the input capacitor changes from zero
to a quiescent state. The magnitude of the pop is directly proportional to the input capacitor's size. Higher value
capacitors need more time to reach a quiescent DC voltage (usually VCC/2) when charged with a fixed current.
The amplifier's output charges the input capacitor through the feedback resistor, Rf. Thus, pops can be
minimized by selecting an input capacitor value that is no higher than necessary to meet the desired -3dB
frequency.
As shown in Figure 1, the input resistor (RI) and the input capacitor, CI produce a -3dB high pass filter cutoff
frequency that is found using Equation 7.
f-3dB = 2πRINCI
(7)
As an example when using a speaker with a low frequency limit of 150Hz, Equation 7 gives a value of Ci equal to
0.1µF. The 0.22µF Ci shown in Figure 1 allows for a speaker whose response extends down to 75Hz.
Bypass Capacitor Value Selection
Besides minimizing the input capacitor size, careful consideration should be paid to value of, CB, the capacitor
connected to the BYPASS pin. Since CB determines how fast the LM4876 settles to quiescent operation, its
value is critical when minimizing turn-on pops. The slower the LM4876's outputs ramp to their quiescent DC
voltage (nominally 1/2 VDD), the smaller the turn-on pop. Choosing CB equal to 1.0µF along with a small value of
Ci (in the range of 0.1µF to 0.39µF), produces a click-less and pop-less shutdown function. As discussed above,
choosing Ci as small as possible helps minimize clicks and pops.
AUDIO POWER AMPLIFIER DESIGN
Audio Amplifier Design: Driving 1W into an 8
Ω Load
The following are the desired operational parameters:
Power Output
1WRMS
Load Impedance
8
Ω
Input Level
1VRMS
Input Impedance
20k
Ω
Bandwidth
100Hz–20kHz ± 0.25dB
10
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM4876



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com