Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM4990MM/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Part # LM4990MM/NOPB
Description  LM4990 2 Watt Audio Power Amplifier with Selectable Shutdown Logic Level
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4990MM/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM4990MM/NOPB Datasheet HTML 9Page - Texas Instruments LM4990MM/NOPB Datasheet HTML 10Page - Texas Instruments LM4990MM/NOPB Datasheet HTML 11Page - Texas Instruments LM4990MM/NOPB Datasheet HTML 12Page - Texas Instruments LM4990MM/NOPB Datasheet HTML 13Page - Texas Instruments LM4990MM/NOPB Datasheet HTML 14Page - Texas Instruments LM4990MM/NOPB Datasheet HTML 15Page - Texas Instruments LM4990MM/NOPB Datasheet HTML 16Page - Texas Instruments LM4990MM/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
2.2
3
4
5
5.5
0
100
200
300
400
500
600
700
800
900
1000
SUPPLY VOLTAGE (V)
10% THD+N
1% THD+N
f=1kHz
2.2
3
4
5
5.5
0
500m
1
1.5
2
2.5
3
SUPPLY VOLTAGE (V)
f = 1kHz
1% THD+N
10% THD+N
2.2
3
4
5
5.5
0
500m
1
1.5
2
2.5
3
3.5
SUPPLY VOLTAGE (V)
10% THD+N
1% THD+N
f = 1kHz
LM4990
www.ti.com
SNAS184E – DECEMBER 2002 – REVISED MAY 2013
Typical Performance Characteristics (continued)
Shutdown Hysteresis Voltage
Shutdown Hysteresis Voltage
VDD = 3V, SD Mode = GND
VDD = 2.6V, SD Mode = VDD
Figure 33.
Figure 34.
Shutdown Hysteresis Voltage
VDD = 2.6V, SD Mode = GND
Output Power vs Supply Voltage, RL = 4Ω
Figure 35.
Figure 36.
Output Power vs Supply Voltage, RL = 8Ω
Output Power vs Supply Voltage, RL = 16Ω
Figure 37.
Figure 38.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM4990



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com