Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM4991MA/NOPB Datasheet(PDF) 23 Page - Texas Instruments

Part # LM4991MA/NOPB
Description  LM4991 3W Audio Power Amplifier with Shutdown Mode
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4991MA/NOPB Datasheet(HTML) 23 Page - Texas Instruments

Back Button LM4991MA/NOPB Datasheet HTML 19Page - Texas Instruments LM4991MA/NOPB Datasheet HTML 20Page - Texas Instruments LM4991MA/NOPB Datasheet HTML 21Page - Texas Instruments LM4991MA/NOPB Datasheet HTML 22Page - Texas Instruments LM4991MA/NOPB Datasheet HTML 23Page - Texas Instruments LM4991MA/NOPB Datasheet HTML 24Page - Texas Instruments LM4991MA/NOPB Datasheet HTML 25Page - Texas Instruments LM4991MA/NOPB Datasheet HTML 26Page - Texas Instruments LM4991MA/NOPB Datasheet HTML 27Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
(R0.05) TYP
0.59
4X (1.31)
8X (0.3)
8X (0.5)
4X (0.98)
(3.3)
(0.755)
6X (0.8)
WSON - 0.8 mm max height
NGN0008A
PLASTIC SMALL OUTLINE - NO LEAD
4214794/A 11/2019
NOTES: (continued)
6. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
SOLDER PASTE EXAMPLE
BASED ON 0.125 mm THICK STENCIL
EXPOSED PAD 9:
78% PRINTED SOLDER COVERAGE BY AREA UNDER PACKAGE
SCALE:20X
SYMM
1
4
5
8
METAL
TYP
SYMM
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com