Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5008AMM/NOPB Datasheet(PDF) 19 Page - Texas Instruments

Part # LM5008AMM/NOPB
Description  LM5008A 95-V, 350-mA, Constant On-Time DC/DC Buck Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5008AMM/NOPB Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM5008AMM/NOPB Datasheet HTML 15Page - Texas Instruments LM5008AMM/NOPB Datasheet HTML 16Page - Texas Instruments LM5008AMM/NOPB Datasheet HTML 17Page - Texas Instruments LM5008AMM/NOPB Datasheet HTML 18Page - Texas Instruments LM5008AMM/NOPB Datasheet HTML 19Page - Texas Instruments LM5008AMM/NOPB Datasheet HTML 20Page - Texas Instruments LM5008AMM/NOPB Datasheet HTML 21Page - Texas Instruments LM5008AMM/NOPB Datasheet HTML 22Page - Texas Instruments LM5008AMM/NOPB Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
GND
VIN
SW
VOUT
L1
Via to Ground Plane
SW
BST
RCL
RTN
FB
RT/SD
VCC
VIN
LM5008
D1
CIN
RFB2
COUT
RFB1
CB
CVCC
RT
Via
to VIN
19
LM5008A
www.ti.com
SNVS583H – MARCH 2009 – REVISED OCTOBER 2018
Product Folder Links: LM5008A
Submit Documentation Feedback
Copyright © 2009–2018, Texas Instruments Incorporated
10 Layout
10.1 Layout Guidelines
The LM5008A regulation and overvoltage comparators are very fast, and as such responds to short-duration
noise pulses. Layout considerations are therefore critical for optimum performance:
1. Minimize the area of the high di/dt switching current loop consisting of the VIN pin, input ceramic capacitor,
SW node and freewheeling power diode. Keep the input capacitor as close as possible to the VIN pin and
route a short, direct connection to the RTN pin using polygon copper pours.
2. Minimize SW copper area to reduce radiated noise related to high dv/dt.
3. Locate all components as physically close as possible to their respective pins, thereby minimizing noise
pickup in the printed-circuit tracks.
4. The FB trace should be away from noise sources and inductors. The lower feedback resistor should connect
to ground close to the IC RTN.
If the internal dissipation of the LM5008A converter produces excessive junction temperatures during normal
operation, optimal use of the PCB ground plane can help considerably to dissipate heat. The exposed pad on the
bottom of the WSON-8 package can be soldered to a ground plane on the PCB, and that plane should extend
out from beneath the IC to help dissipate the heat. Additionally, the use of wide PCB traces for power connection
can also help conduct heat away from the IC. Judicious positioning of the LM5008A converter within the end
product, along with use of any available air flow (forced or natural convection), can help reduce the operating
junction temperature.
10.2 Layout Example
Figure 16. LM5008A PCB Layout Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com