Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5010ASD/NOPB Datasheet(PDF) 18 Page - Texas Instruments

Part # LM5010ASD/NOPB
Description  LM5010A, LM5010A-Q1 High-Voltage 1-A Step-Down Switching Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5010ASD/NOPB Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM5010ASD/NOPB Datasheet HTML 14Page - Texas Instruments LM5010ASD/NOPB Datasheet HTML 15Page - Texas Instruments LM5010ASD/NOPB Datasheet HTML 16Page - Texas Instruments LM5010ASD/NOPB Datasheet HTML 17Page - Texas Instruments LM5010ASD/NOPB Datasheet HTML 18Page - Texas Instruments LM5010ASD/NOPB Datasheet HTML 19Page - Texas Instruments LM5010ASD/NOPB Datasheet HTML 20Page - Texas Instruments LM5010ASD/NOPB Datasheet HTML 21Page - Texas Instruments LM5010ASD/NOPB Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
SW
FB
LM5010A
VOUT
Cff
R2
L1
R1
C2
R3
FB
SW
L1
C2
R3
LM5010A
R1
R2
VOUT
C6 =
2.5V
tSS x 11.5 PA
18
LM5010A, LM5010A-Q1
SNVS376F – OCTOBER 2005 – REVISED MAY 2016
www.ti.com
Product Folder Links: LM5010A LM5010A-Q1
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
8.2.2.1.9
C5
This capacitor suppresses transients and ringing due to lead inductance at VIN. TI recommends a low ESR, 0.1
µF ceramic chip capacitor, placed physically close to the LM5010Ax.
8.2.2.1.10
C6
The capacitor at the SS pin determines the soft-start time (that is the time for the reference voltage at the
regulation comparator and the output voltage) to reach their final value. Determine the capacitor value with
Equation 22.
(22)
For a 5 ms soft-start time, C6 calculates to 0.022 µF.
8.2.2.1.11
D1
A Schottky diode is recommended. Ultra-fast recovery diodes are not recommended as the high speed
transitions at the SW pin may inadvertently affect the IC’s operation through external or internal EMI. The diode
should be rated for the maximum VIN (60 V), the maximum load current (1 A), and the peak current which occurs
when current limit and maximum ripple current are reached simultaneously (IPK in Figure 9), previously calculated
to be 1.87 A. The diode’s forward voltage drop affects efficiency due to the power dissipated during the OFF-
time. The average power dissipation in D1 is calculated from Equation 23.
PD1 = VF × IO × (1 – D)
where
•
IO is the load current
•
D is the duty cycle
(23)
8.2.2.2 Low Output Ripple Configurations
For applications where low output voltage ripple is required the output can be taken directly from the low ESR
output capacitor (C2) as shown in Figure 13. However, R3 slightly degrades the load regulation. The specific
component values, and the application determine if this is suitable.
Figure 13. Low Ripple Output
Where the circuit of Figure 13 is not suitable, the circuits of Figure 14 or Figure 15 can be used.
Figure 14. Low Output Ripple Using a Feed-Forward Capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com