Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5010ASDX/NOPB Datasheet(PDF) 15 Page - Texas Instruments

Part # LM5010ASDX/NOPB
Description  LM5010A, LM5010A-Q1 High-Voltage 1-A Step-Down Switching Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5010ASDX/NOPB Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM5010ASDX/NOPB Datasheet HTML 11Page - Texas Instruments LM5010ASDX/NOPB Datasheet HTML 12Page - Texas Instruments LM5010ASDX/NOPB Datasheet HTML 13Page - Texas Instruments LM5010ASDX/NOPB Datasheet HTML 14Page - Texas Instruments LM5010ASDX/NOPB Datasheet HTML 15Page - Texas Instruments LM5010ASDX/NOPB Datasheet HTML 16Page - Texas Instruments LM5010ASDX/NOPB Datasheet HTML 17Page - Texas Instruments LM5010ASDX/NOPB Datasheet HTML 18Page - Texas Instruments LM5010ASDX/NOPB Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
RON =
5V x (8V - 1.4V)
8V x 175 kHz x 1.18 x 10
-10 - 1.4 k: = 198 k:
15
LM5010A, LM5010A-Q1
www.ti.com
SNVS376F – OCTOBER 2005 – REVISED MAY 2016
Product Folder Links: LM5010A LM5010A-Q1
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
8.2.2 Detailed Design Procedure
The procedure for calculating the external components is illustrated with a design example. Configure the circuit
in Figure 11 according to the components listed in Table 2.
Table 2. List of Components for LM5010A Example Circuit
ITEM
DESCRIPTION
VALUE
C1
Ceramic capacitor
(2) 2.2 µF, 100 V
C2
Ceramic capacitor
22 µF, 16 V
C3
Ceramic capacitor
0.47 µF, 16 V
C4, C6
Ceramic capacitor
0.022 µF, 16 V
C5
Ceramic capacitor
0.1 µF, 100 V
D1
Schottky diode
100V, 6 A
L1
Inductor
100 µH
R1
Resistor
1 k
Ω
R2
Resistor
1 k
Ω
R3
Resistor
1.5
Ω
RON
Resistor
200 k
Ω
U1
LM5010Ax
—
8.2.2.1 Component Selection
8.2.2.1.1
R1 and R2
These resistors set the output voltage, and calculate their ratio with Equation 10.
R1/R2 = (VOUT / 2.5 V) – 1
(10)
R1 and R2 calculates to 1. The resistors should be chosen from standard value resistors in the range of 1 k
Ω to
10 k
Ω. A value of 1 kΩ is used for R1 and R2.
8.2.2.1.2
RON, FS
RON can be chosen using Equation 7 to set the nominal frequency, or from Equation 6 if the ON-time at a
particular VIN is important. A higher frequency generally means a smaller inductor and capacitors (value, size and
cost), but higher switching losses. A lower frequency means a higher efficiency, but with larger components.
Generally, if PC board space is tight, a higher frequency is better. The resulting ON-time and frequency have a
±25% tolerance. Using Equation 7 at a nominal VIN of 8 V, RON is calculated with Equation 11.
(11)
A value of 200 k
Ω will be used for RON, yielding a nominal frequency of 161 kHz at VIN = 6 V, and 205 kHz at VIN
= 60 V.
8.2.2.1.3
L1
The guideline for choosing the inductor value in this example is that it must keep the circuit’s operation in
continuous conduction mode at minimum load current. This is not a strict requirement since the LM5010Ax
regulates correctly when in discontinuous conduction mode, although at a lower frequency. However, to provide
an initial value for L1 the above guideline will be used. See Figure 12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com