Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5015MHX/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # LM5015MHX/NOPB
Description  LM5015 High Voltage Monolithic Two-Switch Forward DC-DC Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5015MHX/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM5015MHX/NOPB Datasheet HTML 1Page - Texas Instruments LM5015MHX/NOPB Datasheet HTML 2Page - Texas Instruments LM5015MHX/NOPB Datasheet HTML 3Page - Texas Instruments LM5015MHX/NOPB Datasheet HTML 4Page - Texas Instruments LM5015MHX/NOPB Datasheet HTML 5Page - Texas Instruments LM5015MHX/NOPB Datasheet HTML 6Page - Texas Instruments LM5015MHX/NOPB Datasheet HTML 7Page - Texas Instruments LM5015MHX/NOPB Datasheet HTML 8Page - Texas Instruments LM5015MHX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
LM5015
SNVS538C – NOVEMBER 2007 – REVISED APRIL 2013
www.ti.com
Electrical Characteristics
Limits in standard type are for TJ = 25°C only; limits in boldface type apply over the junction temperature (TJ) range of −40°C
to + 125°C. Minimum and Maximum limits are ensured through test, design, or statistical correlation. Typical values represent
the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only. VVIN = 48V, RRT = 31.6 kΩ unless
otherwise stated. See
(1).
Symbol
Parameters
Conditions
Min
Typ
Max
Units
STARTUP REGULATOR
VVCC-REG
VCC Regulator Output
6.35
6.85
7.25
V
VCC Current Limit
VVCC = 6V
20
25
mA
VCC UVLO Threshold
VCC increasing, VIN = VCC, EN=open
3.45
3.75
4.05
V
VCC UVLO Hysteresis
VIN = VCC, EN = open
0.15
V
Bias Current (IIN)
VFB = 1.5V
3.1
4.5
mA
IQ
Shutdown Current (IIN)
VEN = 0V
110
170
µA
EN THRESHOLDS
EN Shutdown Threshold
VEN increasing
0.25
0.45
0.65
V
EN Shutdown Hysteresis
0.1
V
EN Standby Threshold
VEN increasing
1.19
1.26
1.3
V
EN Standby Hysteresis
0.1
V
EN Current Source
6
µA
MOSFET CHARACTERSTICS
Low side MOSFET RDS(ON) plus
ID = 0.6A
0.49
0.93
Ω
Current Sense Resistance
MOSFET Leakage Current
VLO = 75V
0.05
5
µA
High side MOSFET RDS(ON)
ID = 0.6A
0.45
0.90
Ω
MOSFET Leakage Current
VPVIN= 75V, VHO = PGND
0.05
5
µA
Total Gate Charge including both
VVCC = 8V
9
nC
Low and High side MOSFETs
Pre-charge Switch ON Voltage
ID = 1 mA
0.82
V
including series blocking diode
CURRENT LIMIT
ILIM
Cycle by Cycle Current Limit
1
1.2
1.4
A
Cycle by Cycle Current Limit Delay
130
ns
OSCILLATOR
FSW1
Frequency1
RRT = 31.6k
180
200
220
kHz
FSW2
Frequency2
RRT = 15.4k
365
405
445
kHz
VRT-SYNC
SYNC Threshold
VRT Increasing
3.2
V
SYNC Pulse Width Minimum
VRT > VRT-SYNC + 0.5V
15
ns
PWM COMPARATOR
Maximum Duty Cycle
49
%
Min On-time
VCOMP > VCOMP-OS
140
ns
Min On-time
VCOMP < VCOMP-OS
0
ns
VCOMP-OS
COMP to PWM Comparator Offset
0.9
1.3
1.55
V
ERROR AMPLIFIER
VFB-REF
Feedback Reference Voltage
Internal reference, VFB = VCOMP
1.236
1.26
1.274
V
FB Bias Current
10
nA
DC Gain
72
dB
COMP Sink Current
VCOMP = 250mV
2
mA
COMP Short Circuit Current
VFB = 0, VCOMP = 0
0.9
1.2
1.5
mA
COMP Open Circuit Voltage
VFB = 0
4.5
5.15
5.95
V
(1)
Min and Max limits are 100% production tested at 25°C. Limits over the operating temperature range are ensured through correlation
using Statistical Quality Control (SQC) methods. Limits are used to calculate Average Outgoing Quality Level (AOQL).
4
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM5015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com