Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5010AMH/NOPB.B Datasheet(PDF) 13 Page - Texas Instruments

Part # LM5010AMH/NOPB.B
Description  LM5010A, LM5010A-Q1 High-Voltage 1-A Step-Down Switching Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5010AMH/NOPB.B Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM5010AMH/NOPB.B Datasheet HTML 9Page - Texas Instruments LM5010AMH/NOPB.B Datasheet HTML 10Page - Texas Instruments LM5010AMH/NOPB.B Datasheet HTML 11Page - Texas Instruments LM5010AMH/NOPB.B Datasheet HTML 12Page - Texas Instruments LM5010AMH/NOPB.B Datasheet HTML 13Page - Texas Instruments LM5010AMH/NOPB.B Datasheet HTML 14Page - Texas Instruments LM5010AMH/NOPB.B Datasheet HTML 15Page - Texas Instruments LM5010AMH/NOPB.B Datasheet HTML 16Page - Texas Instruments LM5010AMH/NOPB.B Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
VIN
STOP
RUN
RON
Input
Voltage
LM5010A
RON/SD
Current Limit
Threshold
Io
Normal Operation
Current Limited
Low Load Current
High Load Current
'I
IOCL
IPK
13
LM5010A, LM5010A-Q1
www.ti.com
SNVS376F – OCTOBER 2005 – REVISED MAY 2016
Product Folder Links: LM5010A LM5010A-Q1
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
Feature Description (continued)
Figure 9. Inductor Current, Current Limit Operation
7.3.9 Thermal Shutdown
The LM5010Ax should be operated below the maximum operating junction temperature rating. If the junction
temperature increases during a fault or abnormal operating condition, the internal thermal shutdown circuit
activates typically at 175°C. The Thermal Shutdown circuit reduces power dissipation by disabling the buck
switch and the ON timer. This feature helps prevent catastrophic failures from accidental device overheating.
When the junction temperature reduces below approximately 155°C (20°C typical hysteresis), normal operation
resumes.
7.4 Device Functional Modes
7.4.1 Shutdown
The LM5010Ax can be remotely shut down by forcing the RON/SD pin below 0.7 V with a switch or open drain
device. See Figure 10. In the shutdown mode the SS pin is internally grounded, the ON-time one-shot is
disabled, the input current at VIN is reduced, and the VCC bypass switch is turned off. The VCC regulator is not
disabled in the shutdown mode. Releasing the RON/SD pin allows normal operation to resume. The nominal
voltage at RON/SD is shown in the Typical Performance Characteristics. When switching the RON/SD pin, the
transition time should be faster than one to two cycles of the regulator’s nominal switching frequency.
Figure 10. Shutdown Implementation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com