Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5010AMHE/NOPB.B Datasheet(PDF) 21 Page - Texas Instruments

Part # LM5010AMHE/NOPB.B
Description  LM5010A, LM5010A-Q1 High-Voltage 1-A Step-Down Switching Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5010AMHE/NOPB.B Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM5010AMHE/NOPB.B Datasheet HTML 17Page - Texas Instruments LM5010AMHE/NOPB.B Datasheet HTML 18Page - Texas Instruments LM5010AMHE/NOPB.B Datasheet HTML 19Page - Texas Instruments LM5010AMHE/NOPB.B Datasheet HTML 20Page - Texas Instruments LM5010AMHE/NOPB.B Datasheet HTML 21Page - Texas Instruments LM5010AMHE/NOPB.B Datasheet HTML 22Page - Texas Instruments LM5010AMHE/NOPB.B Datasheet HTML 23Page - Texas Instruments LM5010AMHE/NOPB.B Datasheet HTML 24Page - Texas Instruments LM5010AMHE/NOPB.B Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
21
LM5010A, LM5010A-Q1
www.ti.com
SNVS376F – OCTOBER 2005 – REVISED MAY 2016
Product Folder Links: LM5010A LM5010A-Q1
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
9 Power Supply Recommendations
The LM5010Ax is designed to operate with an input power supply capable of supplying a voltage range from 6 V
to 75 V. The input power supply must be well-regulated and capable of supplying sufficient current to the
regulator during peak load operation. Also, like in all applications, the power-supply source impedance must be
small compared to the module input impedance to maintain the stability of the converter.
10 Layout
10.1 Layout Guidelines
The LM5010Ax regulation, overvoltage, and current limit comparators are very fast, and respond to short
duration noise pulses. Therefore, layout considerations are critical for optimum performance. The layout must be
as neat and compact as possible, and all the components must be as close as possible to their associated pins.
The two major current loops have currents which switch very fast, and so the loops should be as small as
possible to minimize conducted and radiated EMI. The first loop is that formed by C1 (CIN), through the VIN to
SW pins, L1 (LIND), C2 (COUT), and back to C1. The second loop is that formed by D1, L1, C2, and the SGND and
ISEN pins. The ground connection from C2 to C1 should be as short and direct as possible, preferably without
going through vias. Directly connect the SGND and RTN pin to each other, and they should be connected as
directly as possible to the C1/C2 ground line without going through vias. The power dissipation within the IC can
be approximated by determining the total conversion loss (PIN - POUT), and then subtracting the power losses in
the free-wheeling diode and the inductor. The power loss in the diode is approximately Equation 27.
PD1 = IO × VF × (1 – D)
where
•
IO is the load current
•
VF is the diode’s forward voltage drop
•
D is the duty cycle
(27)
The power loss in the inductor is approximately Equation 28.
PL1 = IO
2 × R
L × 1.1
where
•
RL is the inductor’s DC resistance
•
the 1.1 factor is an approximation for the AC losses
(28)
If it is expected that the internal dissipation of the LM5010Ax will produce high junction temperatures during
normal operation, good use of the PC board’s ground plane can help considerably to dissipate heat. The
exposed pad on the IC package bottom should be soldered to a ground plane, and that plane should both extend
from beneath the IC, and be connected to exposed ground plane on the board’s other side using as many vias
as possible. The exposed pad is internally connected to the IC substrate. The use of wide PC board traces at the
pins, where possible, can help conduct heat away from the IC. The four no connect pins on the HTSSOP
package are not electrically connected to any part of the IC, and may be connected to ground plane to help
dissipate heat from the package. Judicious positioning of the PC board within the end product, along with the use
of any available air flow (forced or natural convection) can help reduce the junction temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com