Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5134AMF/NOPB Datasheet(PDF) 15 Page - Texas Instruments

Part # LM5134AMF/NOPB
Description  LM5134 Single 7.6-A Peak Current Low-Side Gate Driver With a PILOT Output
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5134AMF/NOPB Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM5134AMF/NOPB Datasheet HTML 11Page - Texas Instruments LM5134AMF/NOPB Datasheet HTML 12Page - Texas Instruments LM5134AMF/NOPB Datasheet HTML 13Page - Texas Instruments LM5134AMF/NOPB Datasheet HTML 14Page - Texas Instruments LM5134AMF/NOPB Datasheet HTML 15Page - Texas Instruments LM5134AMF/NOPB Datasheet HTML 16Page - Texas Instruments LM5134AMF/NOPB Datasheet HTML 17Page - Texas Instruments LM5134AMF/NOPB Datasheet HTML 18Page - Texas Instruments LM5134AMF/NOPB Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
15
LM5134
www.ti.com
SNVS808C – MAY 2012 – REVISED FEBRURARY 2016
Product Folder Links: LM5134
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Typical Application (continued)
8.2.1 Design Requirements
When selecting the proper gate driver device for an end application, some design considerations must first be
evaluated to make the most appropriate selection. Among these considerations are input-to-output configuration,
the input threshold type, bias supply voltage levels, peak source and sink currents, availability of independent
enable and disable functions, propagation delay, power dissipation, and package type.
Table 3. Design Parameters
PARAMETER
EXAMPLE VALUE
Input-to-output logic
Noninverting
Input threshold type
Logic level
VDD bias supply voltage
10 V (minimum), 113 V (nominal), 15 V (peak)
Peak source and sink currents
Minimum 1.65-A source, minimum 1.65-A sink
Enable and disable function
Yes, required
Propagation delay
Maximum 40 ns or less
8.2.2 Detailed Design Procedure
8.2.2.1 Input-to-Output Logic
The design should specify which type of input-to-output configuration should be used. If turning on the power
MOSFET when the input signal is in high state is preferred, then the noninverting configuration must be selected.
If turning off the power MOSFET when the input signal is in high state is preferred, the inverting configuration
must be chosen. The LM5134 device can be configured in either an inverting or noninverting input-to-output
configuration, using the IN– or IN+ pins, respectively. To configure the device for use in inverting mode, tie the
IN+ pin to VDD and apply the input signal to the IN– pin. For the noninverting configuration, tie the IN– pin to
GND and apply the input signal to the IN+ pin.
8.2.2.2 Input Threshold Type
The type of controller used determines the input voltage threshold of the gate driver device. The LM5134B device
features a TTL and CMOS-compatible input threshold logic, with wide hysteresis. The threshold voltage levels
are low voltage and independent of the VDD supply voltage, which allows compatibility with both logic-level input
signals from microcontrollers, as well as higher-voltage input signals from analog controllers.
The LM5134A device features higher voltage thresholds for greater noise immunity, and controllers with higher
drive voltages.
See Electrical Characteristics for the actual input threshold voltage levels and hysteresis specifications for the
LM5134 device.
8.2.2.3 VDD Bias Supply Voltage
The bias supply voltage applied to the VDD pin of the device should never exceed the values listed in
Recommended Operating Conditions. However, different power switches demand different voltage levels to be
applied at the gate terminals for effective turnon and turnoff. With an operating range from 4 V to 12 V, the
LM5134 device can be used to drive a variety of power switches, such as Si MOSFETs (for example,
VGS = 4.5 V, 10 V, 12 V), BJTs, and wide-band gap power semiconductors (such as GaN, certain types of which
allow no higher than 6 V to be applied to the gate terminals).
8.2.2.4 Peak Source and Sink Currents
Generally, to minimize switching power losses, the switching speed of the power switch during turnon and turnoff
should be as fast as possible. However, very fast transitions on the Drain node voltage can lead to unwanted
emissions for EMI, and the turnon speed is often deliberately slowed down by placing a series resistor between
the Drive output and MOSFET gate to reduce these emissions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com