Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5576MH/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Part # LM5576MH/NOPB
Description  LM5576/-Q1 SIMPLE SWITCHER® 75 V, 3 A Step-Down Switching Regulator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5576MH/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LM5576MH/NOPB Datasheet HTML 1Page - Texas Instruments LM5576MH/NOPB Datasheet HTML 2Page - Texas Instruments LM5576MH/NOPB Datasheet HTML 3Page - Texas Instruments LM5576MH/NOPB Datasheet HTML 4Page - Texas Instruments LM5576MH/NOPB Datasheet HTML 5Page - Texas Instruments LM5576MH/NOPB Datasheet HTML 6Page - Texas Instruments LM5576MH/NOPB Datasheet HTML 7Page - Texas Instruments LM5576MH/NOPB Datasheet HTML 8Page - Texas Instruments LM5576MH/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
2
LM5576, LM5576-Q1
SNVS447J – JANUARY 2007 – REVISED NOVEMBER 2014
www.ti.com
Product Folder Links: LM5576 LM5576-Q1
Submit Documentation Feedback
Copyright © 2007–2014, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
Handling Ratings: LM5576........................................ 4
6.3
Handling Ratings: LM5576-Q1.................................. 5
6.4
Recommended Operating Conditions ....................... 5
6.5
Thermal Information .................................................. 5
6.6
Electrical Characteristics........................................... 5
6.7
Typical Characteristics .............................................. 7
7
Detailed Description .............................................. 9
7.1
Overview ................................................................... 9
7.2
Functional Block Diagram ......................................... 9
7.3
Feature Description................................................... 9
7.4
Device Functional Modes........................................ 10
8
Application and Implementation ........................ 16
8.1
Application Information............................................ 16
8.2
Typical Application .................................................. 17
9
Power Supply Recommendations ...................... 25
10
Layout................................................................... 25
10.1
Layout Guidelines ................................................. 25
10.2
Layout Example .................................................... 26
11
Device and Documentation Support ................. 28
11.1
Related Links ........................................................ 28
11.2
Trademarks ........................................................... 28
11.3
Electrostatic Discharge Caution ............................ 28
11.4
Glossary ................................................................ 28
12
Mechanical, Packaging, and Orderable
Information ........................................................... 28
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision I (April 2013) to Revision J
Page
•
Added Pin Configuration and Functions section, Handling Rating table, Feature Description section, Device
Functional Modes, Application and Implementation section, Power Supply Recommendations section, Layout
section, Device and Documentation Support section, and Mechanical, Packaging, and Orderable Information
section ................................................................................................................................................................................... 1
Changes from Revision H (April 2013) to Revision I
Page
•
Changed layout of National Data Sheet to TI format ........................................................................................................... 26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com