Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5134ASDX/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Part # LM5134ASDX/NOPB
Description  LM5134 Single 7.6-A Peak Current Low-Side Gate Driver With a PILOT Output
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5134ASDX/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM5134ASDX/NOPB Datasheet HTML 2Page - Texas Instruments LM5134ASDX/NOPB Datasheet HTML 3Page - Texas Instruments LM5134ASDX/NOPB Datasheet HTML 4Page - Texas Instruments LM5134ASDX/NOPB Datasheet HTML 5Page - Texas Instruments LM5134ASDX/NOPB Datasheet HTML 6Page - Texas Instruments LM5134ASDX/NOPB Datasheet HTML 7Page - Texas Instruments LM5134ASDX/NOPB Datasheet HTML 8Page - Texas Instruments LM5134ASDX/NOPB Datasheet HTML 9Page - Texas Instruments LM5134ASDX/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
6
LM5134
SNVS808C – MAY 2012 – REVISED FEBRURARY 2016
www.ti.com
Product Folder Links: LM5134
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
6.6 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
FOR VDD = +10 V
tR
OUT rise time
CL = 1000 pF
3
ns
CL = 5000 pF
10
CL = 10,000 pF
20
tF
OUT fall time
CL = 1000 pF
2
ns
CL = 5000 pF
4.7
CL = 10,000 pF
7.2
tD-ON
OUT turnon propagation
delay
CL = 1000 pF
TJ = 25°C
17
ns
TJ = –40°C to
+125°C
40
tD-OFF
OUT turnoff propagation
delay
CL = 1000 pF
TJ = 25°C
12
ns
TJ = –40°C to
+125°C
25
Main output break-before-
make time
2.5
ns
tPR
PILOT rise time
CL = 330 pF
5.3
ns
tPF
PILOT fall time
CL = 330 pF
3.9
ns
tPD-ON
OUT turnoff to PILOT turnon
propagation delay
CL = 330 pF
4.2
ns
tPD-OFF
PILOT turnoff to OUT turnon
propagation delay
CL = 330 pF
6.4
ns
FOR VDD = +4.5 V
tR
Rise time
CL = 1000 pF
5
ns
CL = 5000 pF
14
CL = 10,000 pF
24
tF
Fall time
CL = 1000 pF
2.3
ns
CL = 5000 pF
5.4
CL = 10,00 0pF
7.2
tD-ON
OUT turnon propagation
delay
CL = 1000 pF
TJ = 25°C
26
ns
TJ = –40°C to
+125°C
50
tD-OFF
OUT turnoff propagation
delay
CL = 1000 pF
TJ = 25°C
20
ns
TJ = –40°C to
+125°C
45
Main output break-before-
make time
4.2
ns
tPR
PILOT rise time
CL = 330 pF
9.6
ns
tPf
PILOT fall time
CL = 330 pF
3.7
ns
tPD-ON
OUT turnoff to PILOT turnon
propagation delay
CL = 330 pF
7.5
ns
tPD-OFF
PILOT turnoff to OUT turnon
propagation delay
CL = 330 pF
11.8
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com