Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5134AMF/NOPB.A Datasheet(PDF) 5 Page - Texas Instruments

Part # LM5134AMF/NOPB.A
Description  LM5134 Single 7.6-A Peak Current Low-Side Gate Driver With a PILOT Output
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5134AMF/NOPB.A Datasheet(HTML) 5 Page - Texas Instruments

  LM5134AMF/NOPB.A Datasheet HTML 1Page - Texas Instruments LM5134AMF/NOPB.A Datasheet HTML 2Page - Texas Instruments LM5134AMF/NOPB.A Datasheet HTML 3Page - Texas Instruments LM5134AMF/NOPB.A Datasheet HTML 4Page - Texas Instruments LM5134AMF/NOPB.A Datasheet HTML 5Page - Texas Instruments LM5134AMF/NOPB.A Datasheet HTML 6Page - Texas Instruments LM5134AMF/NOPB.A Datasheet HTML 7Page - Texas Instruments LM5134AMF/NOPB.A Datasheet HTML 8Page - Texas Instruments LM5134AMF/NOPB.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
5
LM5134
www.ti.com
SNVS808C – MAY 2012 – REVISED FEBRURARY 2016
Product Folder Links: LM5134
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
TJ = 25°C, VDD = 12 V, unless otherwise specified. Minimum and Maximum limits are ensured through test, design, or
statistical correlation. Typical values represent the most likely parametric norm at TJ = 25°C, and are provided for reference
purposes only.
(1).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RON-UP
(SOT23-6)
Main output resistance -
pulling up
VDD = 10 V,
IOUT = 50 mA
TJ = 25°C
0.7
Ω
TJ = –40°C to +125°C
1.3
VDD = 4.5 V,
IOUT = 50 mA
TJ = 25°C
1
Ω
TJ = –40°C to +125°C
1.9
RON-UP
(WSON)
Main output resistance -
pulling up
VDD = 10 V,
IOUT = 50 mA
TJ = 25°C
0.75
Ω
TJ = –40°C to +125°C
1.2
VDD = 4.5 V,
IOUT = 50 mA
TJ = 25°C
1.14
Ω
TJ = –40°C to +125°C
1.85
Peak source current
CL = 10,000 pF
4.5
A
PILOT
RONP-DW
PILOT output resistance –
pulling down
VDD = 10 V,
IOUT = –100 mA
TJ = 25°C
3.7
Ω
TJ = –40°C to +125°C
9
VDD = 4.5 V,
IOUT = –100 mA
TJ = 25°C
4.7
Ω
TJ = –40°C to +125°C
12
Peak sink current
CL = 330 pF
820
mA
RONP-UP
PILOT output resistance –
pulling up
VDD = 10 V,
IOUT = 50 mA
TJ = 25°C
6
Ω
TJ = –40°C to +125°C
11
VDD = 4.5 V,
IOUT = 50 mA
TJ = 25°C
10.7
Ω
TJ = –40°C to +125°C
20
Peak source current
CL = 330 pF
660
mA
LOGIC INPUT
VIH
Logic 1 input voltage
LM5134A, TJ = –40°C to +125°C
0.67 × VDD
V
LM5134B, TJ = –40°C to +125°C
2.4
VIL
Logic 0 input voltage
LM5134A, TJ = –40°C to +125°C
0.33 × VDD
V
LM5134B, TJ = –40°C to +125°C
0.8
VHYS
Logic-input hysteresis
LM5134A
0.9
V
LM5134B
0.68
Logic-input current
INB = VDD or 0
TJ = 25°C
0.001
µA
TJ = –40°C to +125°C
10
THERMAL RESISTANCE
θJA
Junction to ambient
SOT23-6
90
°C/W
WSON-6
60
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com