Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GFPC Datasheet(PDF) 1 Page - KITAGAWA GmbH

Part # GFPC
Description  Ferrite Cores, Tiles, and Sheets
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

GFPC Datasheet(HTML) 1 Page - KITAGAWA GmbH

  GFPC Datasheet HTML 1Page - KITAGAWA GmbH GFPC Datasheet HTML 2Page - KITAGAWA GmbH GFPC Datasheet HTML 3Page - KITAGAWA GmbH GFPC Datasheet HTML 4Page - KITAGAWA GmbH GFPC Datasheet HTML 5Page - KITAGAWA GmbH GFPC Datasheet HTML 6Page - KITAGAWA GmbH GFPC Datasheet HTML 7Page - KITAGAWA GmbH GFPC Datasheet HTML 8Page - KITAGAWA GmbH GFPC Datasheet HTML 9Page - KITAGAWA GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Ferrite Cores, Tiles, and Sheets
Ferrite Cores and Tiles – Rev17 - 12152015
ROUND CABLE CORES: Split Type
G Ferrite Core – nickel-free
Profile 1
GTFC Series
Profile 2
GRFC Series
RFCK2-20
(w/ mounting tab)
GRFC Series
PART NO.
Profile
A
B
C
D
Applicable Cable
Diameter
Impedance
Ω/100MHz (1Turn)
GRFC-3
N/A
13.7
13.5
18.0
-
3.0 ~ 4.0
≥35
GRFC-4
N/A
13.7
13.5
27.5
-
3.5 ~ 4.5
≥75
GRFC-5
N/A
18.1
18.4
31.5
35.5
4.5 ~ 5.5
≥100
GRFC-6
N/A
18.1
18.4
31.5
35.5
5.5 ~ 6.5
≥100
GRFC-7
N/A
14.25
15.8
20.0
24.0
7.0 MAX
≥45
GRFC-8
N/A
20.1
20.4
31.5
35.5
7.5 ~ 8.5
≥75
GRFC-9
N/A
20.1
20.4
31.5
35.5
8.5 ~ 9.5
≥75
GRFC-10
N/A
26.3
26.4
32.4
37.2
9.5 ~ 10.5
≥105
GRFC-13
N/A
29.1
29.4
31.5
36.3
12.5 ~ 13.5
≥95
RFC Series
RFC-H13
N/A
31.7
29.4
41.0
-
12.5 ~ 13.5
≥170
RFC-20
N/A
40.0
40.0
47
-
20 MAX
≥180
RFCK2-20
(RFC-20 with
mount tab)
N/A
40.0
40.0
47
-
20 MAX
≥180
GTFC Series
GTFC-16-8-13
1
22.3
20.1
18.9
-
7.2 MAX
≥ 45
GTFC-16-8-16
1
22.3
20.1
21.9
-
7.2 MAX
≥ 55
GTFC-20-10-10
1
27.1
24.9
16.0
-
8.5 MAX
≥ 40
GTFC-23-11-14
1
30.5
28.3
20.2
-
10.5 MAX
≥ 55
GTFC-25-15-12
1
31.1
28.9
17.8
-
13.0 MAX
≥ 40
GTFC-28-16-13
1
35.1
32.9
18.8
-
14.7 MAX
≥ 50
GTFC-28-16-20
1
35.1
32.9
25.8
-
14.7 MAX
≥ 70
GTFC-41-27-16
2
48.2
44.5
19.6
-
26.0 MAX
≥ 50
GTFCK Series
GTFCK-16-8-13
1
32.5
20.4
18.9
22.9
7.2 MAX
≥ 45
GTFCK-16-8-16
1
32.5
20.4
21.9
25.9
7.2 MAX
≥ 55
GTFCK-20-10-10
1
37.1
24.9
16.0
20.0
8.5 MAX
≥ 40
GTFCK-23-11-14
1
40.5
28.3
20.2
24.2
10.5 MAX
≥ 55
GTFCK-25-15-12
1
41.2
28.9
17.8
21.8
13.0 MAX
≥ 40
GTFCK-28-16-13
1
45.3
32.9
18.8
22.8
14.7 MAX
≥ 50
GTFCK-28-16-20
1
45.3
32.9
25.8
29.8
14.7 MAX
≥ 70
GTFCK-41-27-16
2
51.8
44.5
19.6
-
26.0 MAX
≥ 50
GTRCA Series
GTRCA-20-10-10
N/A
22.6
8.2
13.3
-
≥ 45
GTRCA-25-15-12
N/A
27.3
12.8
15.2
-
≥ 40
GTFCR Series
GTFCR-16-8-16
1
35.8
20.1
16.3
21.9
7.2 MAX
≥ 55
GTFCR-41-27-16
2
55.2
44.5
23.6
19.6
26 MAX
≥ 50
Operating temperature: -40 ~ 85°C
Profile 1
GTFCK Series
Profile 2
GTRCA Series
Unit: mm
Profile 2
Profile 1
Mount hole
GTFCR Series
1. Shape factor (Se/Le): the larger the shape factor, the higher the impedance. If there is 1
turn through the ferrite, a snug fit and longer core is recommended (space permitting).
2. Adjust the ferrite core’s position to target the antinode of the problem frequency.
3. Impedance performance can be increased by turning the cable around the core.


Similar Part No. - GFPC

ManufacturerPart #DatasheetDescription
logo
KITAGAWA GmbH
GFPC KGS-GFPC Datasheet
864Kb / 2P
Suitable solutions for FPC noise problems
GFPC-11-8-2 KGS-GFPC-11-8-2 Datasheet
864Kb / 2P
Suitable solutions for FPC noise problems
GFPC-16-12 KGS-GFPC-16-12 Datasheet
864Kb / 2P
Suitable solutions for FPC noise problems
GFPC-16-20 KGS-GFPC-16-20 Datasheet
864Kb / 2P
Suitable solutions for FPC noise problems
GFPC-16-5-3 KGS-GFPC-16-5-3 Datasheet
864Kb / 2P
Suitable solutions for FPC noise problems
More results

Similar Description - GFPC

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
EPC TDK-EPC Datasheet
290Kb / 2P
Ferrite Cores For Power Supply and Signal Transformer EPC Cores
logo
YUXIANG Magnetc materia...
UF8.5 YUXIANG-UF8.5 Datasheet
45Kb / 2P
UF cores and UI cores
EE85A YUXIANG-EE85A Datasheet
105Kb / 2P
Large Size Ferrite Cores
logo
PREMO CORPORATION S.L
PC470-3V1 PREMO-PC470-3V1 Datasheet
437Kb / 4P
Common mode chokes with Ferrite cores
PM400-04HA PREMO-PM400-04HA Datasheet
378Kb / 5P
Common mode chokes with Ferrite cores
logo
NEC
EB16-P1206-F NEC-EB16-P1206-F Datasheet
6Mb / 71P
Ferrite Cores
logo
Panasonic Semiconductor
ELC-08D100E PANASONIC-ELC-08D100E Datasheet
551Kb / 8P
Adoption of High -m and High Bm ferrite cores
logo
Central Technologies
CTT CT-CTT Datasheet
1Mb / 12P
Ferrite Toroidal Cores
logo
TDK Electronics
IFL10M TDK-IFL10M Datasheet
143Kb / 8P
Noise Suppression Sheets
logo
Laird Tech Smart Techno...
28R2170-100 LSTD-28R2170-100 Datasheet
1Mb / 38P
Ferrite EMI Cable Cores
2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com