Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM6588MT/NOPB Datasheet(PDF) 9 Page - Texas Instruments

Part # LM6588MT/NOPB
Description  LM6588 TFT-LCD Quad, 16V RRIO High Output Current Operational Amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM6588MT/NOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM6588MT/NOPB Datasheet HTML 5Page - Texas Instruments LM6588MT/NOPB Datasheet HTML 6Page - Texas Instruments LM6588MT/NOPB Datasheet HTML 7Page - Texas Instruments LM6588MT/NOPB Datasheet HTML 8Page - Texas Instruments LM6588MT/NOPB Datasheet HTML 9Page - Texas Instruments LM6588MT/NOPB Datasheet HTML 10Page - Texas Instruments LM6588MT/NOPB Datasheet HTML 11Page - Texas Instruments LM6588MT/NOPB Datasheet HTML 12Page - Texas Instruments LM6588MT/NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
10
1k
1M
10M
FREQUENCY (Hz)
0.001
0.01
0.1
1
10
100
1000
AV = +1
-7
-3
-1
1
3
5
7
COMMON MODE VOLTAGE (V)
2
3.5
4
-5
85°C
-40°C
VS = ±5V
3
2.5
25°C
50mV/DIV
100ns/DIV
VS = 12V
VO = 100mVPP
AV = +1, RL = 2k:
50mV/DIV
100ns/DIV
VS = 12V
VO = 100mVPP
AV = -1, RL = 2k:
-5
-4
-3
-2
-1
0
1
2
3
4
5
1
10
100
1k
10k
100k
1M
VOUT (V)
UNSTABLE
25% OVERSHOOT
1V/DIV
100ns/DIV
VS = 12V
VO = 2VPP
AV = -1, RL = 2k:
LM6588
www.ti.com
SNOSA77D – MAY 2003 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
Unless otherwise specified, all limits ensured for TJ = 25°C, VCM = 1/2VS and RL = 2kΩ.
Stability
vs.
Capacitive Load Unity Gain (VS = 16V)
Large Signal Step Response
Figure 14.
Figure 15.
Small Signal Step Response
Small Signal Step Response
Figure 16.
Figure 17.
Closed Loop Output Impedance
ISUPPLY
vs.
vs.
Frequency (AV = +1)
Common Mode Voltage (VS = ±5V)
Figure 18.
Figure 19.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM6588



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com