Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HMC239S8 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC239S8
Description  GaAs MMIC SPDT SWITCH DC - 2.5 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC239S8 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC239S8 Datasheet HTML 1Page - Hittite Microwave Corporation HMC239S8 Datasheet HTML 2Page - Hittite Microwave Corporation HMC239S8 Datasheet HTML 3Page - Hittite Microwave Corporation HMC239S8 Datasheet HTML 4Page - Hittite Microwave Corporation HMC239S8 Datasheet HTML 5Page - Hittite Microwave Corporation HMC239S8 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
8
8 - 98
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Compression vs. Bias Voltage
Caution:
Do not operate in 1 dB compression at power levels
above +30 dBm and do not “hot switch” power levels greater than
+20 dBm (Vctl= -5 Vdc).
Distortion vs. Bias Voltage
Truth Table
*Control Input Voltage Tolerances are ± 0.2 Vdc.
Control Input*
Control Current
Signal Path State
A
(Vdc)
B
(Vdc)
Ia
(uA)
Ib
(uA)
RF to
RF1
RF to
RF2
-5
0
-25
10
ON
OFF
0-5
10
-25
OFF
ON
-6
0
-75
30
ON
OFF
0-6
30
-75
OFF
ON
-7
0
-130
60
ON
OFF
0-7
60
-130
OFF
OM
-8
0
-190
80
ON
OFF
0-8
80
-190
OFF
ON
Carrier at 900 MHz
Carrier at 1900 MHz
Control
Input
Input Power
for 0.1 dB
Compression
Input Power
for 1.0 dB
Compres-
sion
Input Power
for 0.1 dB
Compression
Input Power
for 1.0 dB
Compression
(Vdc)
(dBm)
(dBm)
(dBm)
(dBm)
-5
25
29
23
27
-6
27
31
26
29
-8
29
33
28
32
Control
Input
Third Order Intercept (dBm)
+7 dBm Each Tone
(Vdc)
900 MHz
1900 MHz
-5
50
49
-8
53
51
HMC239S8 / 239S8E
GaAs MMIC SPDT SWITCH
DC - 2.5 GHz
v02.0805



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com