Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM27313XMFX/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Part # LM27313XMFX/NOPB
Description  LM27313/-Q1 1.6-MHz Boost Converter With 30-V Internal FET Switch in SOT-23
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM27313XMFX/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM27313XMFX/NOPB Datasheet HTML 2Page - Texas Instruments LM27313XMFX/NOPB Datasheet HTML 3Page - Texas Instruments LM27313XMFX/NOPB Datasheet HTML 4Page - Texas Instruments LM27313XMFX/NOPB Datasheet HTML 5Page - Texas Instruments LM27313XMFX/NOPB Datasheet HTML 6Page - Texas Instruments LM27313XMFX/NOPB Datasheet HTML 7Page - Texas Instruments LM27313XMFX/NOPB Datasheet HTML 8Page - Texas Instruments LM27313XMFX/NOPB Datasheet HTML 9Page - Texas Instruments LM27313XMFX/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
-40
-25
0
25
50
75
100
125
TEMPERATURE (
oC)
87.8
87.9
88.0
88.1
88.2
88.3
88.4
88.5
LM27313, LM27313-Q1
SNVS487E – DECEMBER 2006 – REVISED JANUARY 2015
www.ti.com
6.7 Typical Characteristics
Unless otherwise specified: VIN = 5 V, SHDN pin is tied to VIN, TJ = 25°C.
Figure 1. Iq VIN (Active) vs Temperature
Figure 2. Oscillator Frequency vs Temperature
Figure 4. Feedback Voltage vs Temperature
Figure 3. Max. Duty Cycle vs Temperature
Figure 5. RDS(ON) vs Temperature
Figure 6. Current Limit vs Temperature
6
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: LM27313 LM27313-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com