Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM48100QMHE/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Part # LM48100QMHE/NOPB
Description  LM48100Q-Q1 Boomer™ Mono, 1.3-W Audio Power Amplifier With Output Fault Detection and Volume Control
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM48100QMHE/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM48100QMHE/NOPB Datasheet HTML 3Page - Texas Instruments LM48100QMHE/NOPB Datasheet HTML 4Page - Texas Instruments LM48100QMHE/NOPB Datasheet HTML 5Page - Texas Instruments LM48100QMHE/NOPB Datasheet HTML 6Page - Texas Instruments LM48100QMHE/NOPB Datasheet HTML 7Page - Texas Instruments LM48100QMHE/NOPB Datasheet HTML 8Page - Texas Instruments LM48100QMHE/NOPB Datasheet HTML 9Page - Texas Instruments LM48100QMHE/NOPB Datasheet HTML 10Page - Texas Instruments LM48100QMHE/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
LM48100Q-Q1
www.ti.com
SNAS470E – OCTOBER 2008 – REVISED NOVEMBER 2015
Electrical Characteristics for VDD = 3.6 V (continued)
Programmable Gain = 0 dB, RL = 8 Ω, f = 1 kHz, unless otherwise specified. Limits apply for TA = 25°C, unless otherwise
specified.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX
UNIT
TSD
Thermal Shutdown Threshold
170
°C
tDIAG
Diagnostic Time
63
ms
6.8 Electrical Characteristics for VDD = 3.6 V at Extended Temperature Limits
Programmable Gain = 0 dB, RL = 8 Ω, f = 1 kHz, unless otherwise specified. Limits apply for TA = –40°C to 105°C, unless
otherwise specified.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX
UNIT
RL = 8 Ω
3.8
10.8
IDD
Quiescent Power Supply Current
VIN = 0 V, Both channels active
mA
RL = ∞
3.6
7
Diagnostic Mode Quiescent Power
IDD
Diagnostic Mode Enabled, RL = ∞
11.7
mA
Supply Current
ISD
Shutdown Current
Shutdown Enabled
0.01
µA
VOS
Differential Output Offset Voltage
VIN = 0 V, RL = 8 Ω
8.8
76
mV
TWU
Wake-Up Time
Time from shutdown to audio available
11.5
ms
Minimum Gain Setting
–54
AV
Gain
dB
Maximum Gain Setting
18
Mute
Mute Attenuation
–79
dB
AV = 18 dB
12.5
RIN
Input Resistance
k
Ω
AV = –54 dB
89
110
135
THD+N = 10%
820
PO
Output Power
RL = 8 Ω, f = 1 kHz
mW
THD+N = 1%
660
THD+N
Total Harmonic Distortion + Noise
PO = 400 mW, f = 1 kHz, RL = 8 Ω
0.04%
f = 217 Hz
60
78
VRIPPLE = 200 mVP-P Sine, Inputs AC GND,
PSRR
Power Supply Rejection Ratio
dB
CIN_= 1 μF, Input Referred, CBIAS = 2.2 μF
f = 1 kHz
75
SNR
Signal-to-Noise-Ratio
POUT = 780 mW, f = 1 kHz
106
dB
∈OS
Output Noise
AV = 0 dB, A-weighted Filter
12.5
μV
IOUT(FAULT)
FAULT Output Current
FAULT = 0, VOUT(FAULT)= 0.4 V
3
mA
ISHTCKT
Short Circuit Current Limit
1.43
A
TSD
Thermal Shutdown Threshold
170
°C
tDIAG
Diagnostic Time
63
ms
(1)
Datasheet min/max specification limits are specified by test or statistical analysis.
(2)
Typical Values are given for TA = 25°C.
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM48100Q-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com