Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM48413TL/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Part # LM48413TL/NOPB
Description  LM48413 Boomer™ Audio Power Amplifier Series Ultra Low EMI, Filterless, 1.2W Stereo Class D Audio Power Amplifier with E2S and Texas Instruments 3D Enhancement
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM48413TL/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LM48413TL/NOPB Datasheet HTML 1Page - Texas Instruments LM48413TL/NOPB Datasheet HTML 2Page - Texas Instruments LM48413TL/NOPB Datasheet HTML 3Page - Texas Instruments LM48413TL/NOPB Datasheet HTML 4Page - Texas Instruments LM48413TL/NOPB Datasheet HTML 5Page - Texas Instruments LM48413TL/NOPB Datasheet HTML 6Page - Texas Instruments LM48413TL/NOPB Datasheet HTML 7Page - Texas Instruments LM48413TL/NOPB Datasheet HTML 8Page - Texas Instruments LM48413TL/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LM48413
www.ti.com
SNAS460B – NOVEMBER 2008 – REVISED MARCH 2013
Electrical Characteristics VDD = PVDD = 3.6V
(1) (2)
The following specifications apply for RL = 8Ω
(3), f = 1kHz, unless otherwise specified. Limits apply for T
A = 25°C.
LM48413
Units
Symbol
Parameter
Conditions
Typical
Limit
(Limits)
(4)
(5)
VOS
Differential Output Offset Voltage
VIN = 0, VDD = 2.4V to 5.0V
3
mV
VIN = 0, No Load, VSD = VDD,
IDD
Quiescent Power Supply Current
VDD = 3.6V
4.3
5.5
mA (max)
VDD = 5V
5.2
7
mA (max)
ISD
Shutdown Current
VSD = GND
0.03
1
μA (max)
VIH
Logic Input High Voltage
1.4
V (min)
VIL
Logic Input Low Voltage
0.4
V (max)
TWU
Wake-Up Time
4
ms
23.5
dB (min)
AV
Gain
24
24.5
dB (max)
RIN
Input Resistance
20
k
Ω
THD
≤ 10%, f = 1kHz, 22kHz BW
VDD = 5V
1.5
W
VDD = 3.6V
720
600
mW (min)
VDD = 2.5V
320
mW
PO
Output Power (Per Channel)
THD
≤ 1%, f = 1kHz, 22kHz BW
VDD = 5V
1.2
W
VDD = 3.6V
600
mW
VDD = 2.5V
260
mW
PO = 500mW/Ch, f = 1kHz,
0.03
%
22kHz BW
THD+N
Total Harmonic Distortion + Noise
PO = 300mW/Ch, f = 1kHz,
0.03
%
22kHz BW
VRIPPLE = 200mVP-P Sine,
Inputs AC GND,
PSRR
Power Supply Rejection Ratio
CIN = 1μF, input referred
fRIPPLE = 217Hz
91
dB
fRIPPLE = 1kHz
90
dB
VRIPPLE = 1VP-P
CMRR
Common Mode Rejection Ratio
72
dB
fRIPPLE = 217Hz
PO = 1W/Ch, f = 1kHz,
η
Efficiency
86
%
RL = 8Ω, VDD = 5V
XTALK
Crosstalk
PO = 500mW/Ch, f = 1kHz
93
dB
SNR
Signal-to-Noise Ratio
VDD = 5V, PO = 1W
88
dB
εOS
Output Noise
Input referred, A-Weighted
5
μV
(1)
“Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the Recommended Operating Conditions is not implied. The Recommended Operating
Conditionsindicate conditions at which the device is functional and the device should not be operated beyond such conditions. All
voltages are measured with respect to the ground pin, unless otherwise specified.
(2)
The Electrical Characteristics tables list ensured specifications under the listed Recommended Operating Conditions except as
otherwise modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and
are not ensured.
(3)
RL is a resistive load in series with two inductors to simulate an actual speaker load. For RL = 8Ω, the load is 15µH + 8Ω +15µH.
(4)
Typical values represent most likely parametric norms at TA = +25°C, and at the Recommended Operation Conditions at the time of
product characterization and are not ensured.
(5)
Datasheet min/max specification limits are ensured by test or statistical analysis.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM48413



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com