Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6580VS/NOPB.A Datasheet(PDF) 3 Page - Texas Instruments

Part # LMH6580VS/NOPB.A
Description  LMH6580/LMH6581 8x4 500 MHz Analog Crosspoint Switch, Gain of 1,
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6580VS/NOPB.A Datasheet(HTML) 3 Page - Texas Instruments

  LMH6580VS/NOPB.A Datasheet HTML 1Page - Texas Instruments LMH6580VS/NOPB.A Datasheet HTML 2Page - Texas Instruments LMH6580VS/NOPB.A Datasheet HTML 3Page - Texas Instruments LMH6580VS/NOPB.A Datasheet HTML 4Page - Texas Instruments LMH6580VS/NOPB.A Datasheet HTML 5Page - Texas Instruments LMH6580VS/NOPB.A Datasheet HTML 6Page - Texas Instruments LMH6580VS/NOPB.A Datasheet HTML 7Page - Texas Instruments LMH6580VS/NOPB.A Datasheet HTML 8Page - Texas Instruments LMH6580VS/NOPB.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
LMH6580, LMH6581
www.ti.com
SNOSAY4C – AUGUST 2007 – REVISED MAY 2013
ABSOLUTE MAXIMUM RATINGS
(1) (2)
ESD Tolerance(3)
Human Body Model
2000V
Machine Model
200V
VS
±6V
IIN (Input Pins)
±20 mA
IOUT
See(4)
Input Voltage Range
V− to V+
Maximum Junction Temperature
+150°C
Storage Temperature Range
−65°C to +150°C
Soldering Information
Infrared or Convection (20 sec.)
235°C
Wave Soldering (10 sec.)
260°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications, see ±3.3V Electrical
Characteristics and ±5V Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications.
(3)
Human Body Model, applicable std. MIL-STD-883, Method 3015.7. Machine Model, applicable std. JESD22-A115-A (ESD MM std. of
JEDEC)Field-Induced Charge-Device Model, applicable std. JESD22-C101-C (ESD FICDM std. of JEDEC).
(4)
The maximum output current (IOUT) is determined by device power dissipation limitations. The maximum power dissipation is a function
of TJ(MAX), θJA. The maximum allowable power dissipation at any ambient temperature is PD = (TJ(MAX) – TA)/ θJA. All numbers apply for
packages soldered directly onto a PC Board.
OPERATING RATINGS
(1)
Temperature Range(2)
−40°C to +85°C
Supply Voltage Range
±3V to ±5.5V
Thermal Resistance 48-Pin TQFP
θJA
44°C/W
θJC
12°C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications, see ±3.3V Electrical
Characteristics and ±5V Electrical Characteristics.
(2)
The maximum power dissipation is a function of TJ(MAX), θJA. The maximum allowable power dissipation at any ambient temperature is
PD = (TJ(MAX) – TA)/ θJA. All numbers apply for packages soldered directly onto a PC Board.
±3.3V ELECTRICAL CHARACTERISTICS
(1)
Unless otherwise specified, typical conditions are: TA = 25°C, AV = +2, VS = ±3.3V, RL = 100Ω; Boldface limits apply at the
temperature extremes.
Symbol
Parameter
Conditions
Min(2)
Typ(3)
Max(2)
Units
Frequency Domain Performance
SSBW
−3 dB Bandwidth
VOUT = 0.5 VPP
425
LSBW
LMH6580 VOUT = 1 VPP,
500
LMH6581 V OUT = 2 VPP, RL = 1 kΩ
MHz
LMH6580 VOUT = 1 VPP,
450
LMH6581 VOUT = 2 VPP, RL = 150Ω
GF
0.1 dB Gain Flatness
LMH6580 VOUT = 1 VPP,
70
MHz
LMH6581 V OUT = 2 VPP, RL = 150Ω
Time Domain Response
tr
Rise Time
LMH6580 1V Step, LMH6581
3.1
ns
2V Step, 10% to 90%
tf
Fall Time
LMH6580 1V Step, LMH6581
1.4
ns
2V Step, 10% to 90%
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. No ensured parametric performance is
indicated in the electrical tables under conditions different than those tested.
(2)
Room Temperature limits are 100% production tested at 25°C. Factory testing conditions result in very limited self-heating of the device
such that TJ = TA. Limits over the operating temperature range are specified through correlation using Statistical Quality Control (SQC)
methods.
(3)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not specified on shipped
production material.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMH6580 LMH6581



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com