Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADC12DL080 Datasheet(PDF) 12 Page - Texas Instruments

Part # ADC12DL080
Description  High Performance Quad DVGA
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC12DL080 Datasheet(HTML) 12 Page - Texas Instruments

Back Button ADC12DL080 Datasheet HTML 8Page - Texas Instruments ADC12DL080 Datasheet HTML 9Page - Texas Instruments ADC12DL080 Datasheet HTML 10Page - Texas Instruments ADC12DL080 Datasheet HTML 11Page - Texas Instruments ADC12DL080 Datasheet HTML 12Page - Texas Instruments ADC12DL080 Datasheet HTML 13Page - Texas Instruments ADC12DL080 Datasheet HTML 14Page - Texas Instruments ADC12DL080 Datasheet HTML 15Page - Texas Instruments ADC12DL080 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
0
100 200 300 400 500 600 700 800
-2
-1
0
1
2
3
0
1
2
3
4
5
TIME (ns)
Output
Enable Pin
SVA-30206548
0
100 200 300 400 500 600 700 800
-2
-1
0
1
2
3
-2
-1
0
1
2
3
TIME (ns)
Output
Enable Pin
SVA-30206549
0
4
8
12
16
20
24
28
32
8
12
16
20
24
28
32
36
40
ATTENUATION (dB)
SVA-30206550
0
100
200
300
400
7
8
9
10
11
12
13
14
FREQUENCY (MHz)
SVA-30206551
1
6
11
16
21
26
31
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
ATTENUATION (dB)
50 MHz
200 MHz
300 MHz
SVA-30206537
1
6
11
16
21
26
31
-16
-14
-12
-10
-8
-6
-4
-2
0
2
4
ATTENUATION (dB)
50 MHz
200 MHz
300 MHz
SVA-30206538
LMH6523
SNOSC88 – DECEMBER 2012
www.ti.com
TYPICAL CHARACTERISTICS (continued)
(TA = 25°C, V+ = 5V, RL = 200Ω, Maximum Gain, High Power, f= 200MHz; LMH6523 soldered onto LMH6523EVAL
evaluation board, Unless Specified).
Cumulative Amplitude Error
Cumulative Phase Error
Figure 26.
Figure 27.
Noise Figure vs Attenuation
Noise Figure vs Frequency
Figure 28.
Figure 29.
Enable Timing, High Power
EnableTiming, Low Power
Figure 30.
Figure 31.
12
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: LMH6523



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com