Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6715MA/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Part # LMH6715MA/NOPB
Description  LMH6715 Dual Wideband Video Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6715MA/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMH6715MA/NOPB Datasheet HTML 6Page - Texas Instruments LMH6715MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH6715MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH6715MA/NOPB Datasheet HTML 9Page - Texas Instruments LMH6715MA/NOPB Datasheet HTML 10Page - Texas Instruments LMH6715MA/NOPB Datasheet HTML 11Page - Texas Instruments LMH6715MA/NOPB Datasheet HTML 12Page - Texas Instruments LMH6715MA/NOPB Datasheet HTML 13Page - Texas Instruments LMH6715MA/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LMH6715
SNOSA10C – MAY 2002 – REVISED APRIL 2013
www.ti.com
Frequency Response vs. RF
Figure 29.
Figure 29 shows the LMH6715's frequency response as RF is varied (RL = 100Ω, AV = +2). This plot shows that
an RF of 200Ω results in peaking and marginal stability. An RF of 300Ω gives near maximal bandwidth and gain
flatness with good stability, but with very light loads (RL > 300Ω) the device may show some peaking. An RF of
500
Ω gives excellent stability with good bandwidth and is the recommended value for most applications. Since all
applications are slightly different it is worth some experimentation to find the optimal RF for a given circuit. For
more information see Application Note OA-13 (Literature Number SNOA366) which describes the relationship
between RF and closed-loop frequency response for current feedback operational amplifiers.
When configuring the LMH6715 for gains other than +2V/V, it is usually necessary to adjust the value of the
feedback resistor. The two plots labeled shown in Figure 30 and Figure 31 provide recommended feedback
resistor values for a number of gain selections.
RF vs. Non-Inverting Gain
Figure 30.
Both plots show the value of RF approaching a minimum value (dashed line) at high gains. Reducing the
feedback resistor below this value will result in instability and possibly oscillation. The recommended value of RF
is depicted by the solid line, which begins to increase at higher gains. The reason that a higher RF is required at
higher gains is the need to keep RG from decreasing too far below the output impedance of the input buffer. For
the LMH6715 the output resistance of the input buffer is approximately 160
Ω and 50Ω is a practical lower limit for
RG. Due to the limitations on RG the LMH6715 begins to operate in a gain bandwidth limited fashion for gains of
±5V/V or greater.
10
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LMH6715



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com