Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

38700-C01 Datasheet(PDF) 2 Page - 3M Electronics

Part # 38700-C01
Description  3M™ Mini-Clamp, Link and Power Clamp Connectors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

38700-C01 Datasheet(HTML) 2 Page - 3M Electronics

  38700-C01 Datasheet HTML 1Page - 3M Electronics 38700-C01 Datasheet HTML 2Page - 3M Electronics 38700-C01 Datasheet HTML 3Page - 3M Electronics 38700-C01 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Board Mount Connector for Unit
Board Mount
Connector
for I/O Unit
and Sensor
Connector for Extension
Connector for Sensor
I/O Unit Sensor/
Switch/LED
Insert wires with insulation
Squeeze with pliers
3M™ Mini-Clamp Connectors
Mini-Clamp is a "de facto" industry standard for sensor, LED, switch and various small device connections for
industrial equipment and manufacturing facility applications. Mini-Clamp Connectors with IDC technology do
not require peeling of the cable jacket or special tools. They can be used with AWG20-28 wires and 2 mm pitch
contact, enabling space savings and higher wiring density.
Simple termination process for fast,
reliable installation and maintenance
Optimize network layout
with field-installability
• Helps minimize risk of conductor damage
with no wire stripping.
• Stable termination quality with IDC increases
reliability of sensor wiring.
• Supports wires 28 to 20AWG.
• Easily connect to pig-tail wired sensors.
• Field termination allows for optimal cable
lengths to save space and wire efficiently.
100
50
0
Crimping Connector
80 Seconds
Crimp
Insert Wires
Strip Wire Jacket
Squeeze
10 Seconds
Insert
Wires
3M Mini-Clamp
Application Example
Product Portfolio
(Table includes wiremount connectors only. Ask 3M for availability of boardmount and other options.)
3MTM Mini-Clamp Connector
Size
of
Conductor
Wire
Jacketing
Outside
Diameter
Wiremount Plug
y : # of positions
(3,4,6,8)
Wiremount Socket
x : 0=Standard, P=Panel Mount
y: # of positions (3,4,6,8)
Common Socket
Connector
x : 0=Standard,
P=Panel Mount
Cover
Color
Related
Accessories
3M™ Water-
Resistant Boot
37800-P000
AWG28-26
(0.08 - 0.14 mm2)
Ø0.6 - 0.8 mm
3710y-4080-G00 FL
-
-
Purple
Dust Covers
37803-1000-00
37804-1000-00
Ø0.8 - 1.0 mm
3710y-4101-G00 FL
-
-
Red
AWG26-24
(0.14 - 0.3 mm2)
Ø0.6 - 0.8 mm
3710y-3080-000 FL
-
-
Purple
Ø0.8 - 1.0 mm
3710y-3101-000 FL
3730y-3101-0×0 FL
37C04-3101-0×0 FL
Red
Crimping Tool
37900-10
Ø1.0 - 1.2 mm
3710y-3122-000 FL
3730y-3122-0×0 FL
37C04-3122-0×0 FL
Yellow
Ø1.2 - 1.6 mm
3710y-3163-000 FL
3730y-3163-0×0 FL
37C04-3163-0×0 FL
Orange
AWG22-20
(0.3- 0.5 mm2)
Ø1.0 - 1.2 mm
3710y-2124-000 FL
3730y-2124-0×0 FL
37C04-2124-0×0 FL
Green
Ø1.2 - 1.6 mm
3710y-2165-000 FL
3730y-2165-0×0 FL
37C04-2165-0×0 FL
Blue
Ø1.6 - 2.0mm
3710y-2206-000 FL
3730y-2206-0×0 FL
37C04-2206-0×0 FL
Grey



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com