Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

81036-600C01 Datasheet(PDF) 2 Page - 3M Electronics

Part # 81036-600C01
Description  3M™ 4-Wall, Tripolarized Header .050" × .100" Latch/Ejector, PTH & SMT Straight, PTH Right Angle
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

81036-600C01 Datasheet(HTML) 2 Page - 3M Electronics

  81036-600C01 Datasheet HTML 1Page - 3M Electronics 81036-600C01 Datasheet HTML 2Page - 3M Electronics 81036-600C01 Datasheet HTML 3Page - 3M Electronics 81036-600C01 Datasheet HTML 4Page - 3M Electronics 81036-600C01 Datasheet HTML 5Page - 3M Electronics 81036-600C01 Datasheet HTML 6Page - 3M Electronics 81036-600C01 Datasheet HTML 7Page - 3M Electronics 81036-600C01 Datasheet HTML 8Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
3
Electronic Solutions Division
Interconnect Solutions
http://www.3Mconnectors.com
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3M™ 4-Wall, Tripolarized Header
.050" × .100" Latch/Ejector, PTH & SMT Straight, PTH Right Angle
810 Series
TS-0253-K
Sheet 2 of 7
Inch
[Imm]
Tolerance Unless Noted
.0
.00
.000
Inch
±.1
±.01
±.005
[ ] Dimensions for Reference Only
Ordering Information
PTH Right Angle Header
81XXX - 5X0X03 - XX
Notes:
D
Position 1
Orientation Triangle
.440 ± .010
[11.18]
.620 Ref
[ 15.75 ]
.405
[10.29]
.265
[6.73]
2X Ø.116
[2.95]
.105
[2.67]
.160 Ref
[4.06]
.306 Ref
[7.77]
“F” (See Table 2)
.015
[0.38]
.140 ± .010
[3.56]
Short Latch
Long Latch
.165 ± .010
[ 4.19 ]
.828 Ref
[ 21.03 ]
Table 1
Contact
Quantity
Dimensions
A
B
C
D Short
(Ref.)
D Long
(Ref.)
020
1.060
[26.92]
0.722
[18.34]
0.500
[12.70]
1.671
[42.44]
1.842
[46.79]
026
1.210
[30.73]
0.872
[22.15]
0.650
[16.51]
1.821
[46.25]
1.992
[50.60]
036
1.460
[37.08]
1.122
[28.50]
0.900
[22.86]
2.071
[52.60]
2.242
[56.95]
040
1.560
[39.62]
1.222
[31.04]
1.000
[25.40]
2.171
[55.14]
2.342
[59.49]
050
1.810
[45.97]
1.472
[37.39]
1.250
[31.75]
2.421
[61.49]
2.592
[65.84]
060
2.060
[52.32]
1.722
[43.74]
1.500
[38.10]
2.671
[67.84]
2.842
[72.19]
068
2.260
[57.40]
1.922
[48.82]
1.700
[43.18]
2.871
[72.92]
3.042
[77.27]
080
2.560
[65.02]
2.222
[56.44]
2.000
[50.80]
3.171
[80.54]
3.342
[84.89]
100
3.060
[77.72]
2.722
[69.14]
2.500
[63.50]
3.671
[93.24]
3.842
[97.59]
C
Table 2
PCB Thickness
"F" Solder Tail Length ± .010
.062 [1.57]
.090 [2.29]
.094 [2.39]
.112 [2.84]
.125 [3.18]
.143 [3.63]
A
B
C
.015 X .015
[0.38] X [0.38]
See Note 1
Position 2
2X .092
[2.34]
.310
[7.87]
Position 1
.050 Typ
[1.27]
.100 Ref
[2.54]
.015 X .015
[0.38] X [0.38]
Notes:
1. This polarization bump does not exist on the 20 position header.
2. Recommended to be mated to the .050" X .100" Wiremount Socket 820 Series.
Ejector/Latch System:
0 = None (Special Order)
5 = With Short Ejectors Installed (Special Order)
6 = With Long Ejector Latches Installed (Standard)
Contact Tail:
2 = Solder Tail for .062 [ 1.57 ] PC Board (Standard)
3 = Solder Tail for .094 [ 2.39 ] PC Board (Special Order)
4 = Solder Tail for .125 [ .318 ] PC Board (Special Order)
Plating suffix:
blank = 125 µ" tin lead tails (RIA E3 & C2 apply)
RB = 250 µ" matte tin tails (RIA E1 & C1 apply)
Contact Quantity
(See Table 1)
Ejector Latches
(If Ordered Separately)
Long Latches
3505-28B (black)
Short Latches
3505-29B (black)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com