Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMP7732MMX/NOPB Datasheet(PDF) 9 Page - Texas Instruments

Part # LMP7732MMX/NOPB
Description  2.9 nV/sqrt(Hz) Low Noise, RRIO Amplifier
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP7732MMX/NOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMP7732MMX/NOPB Datasheet HTML 5Page - Texas Instruments LMP7732MMX/NOPB Datasheet HTML 6Page - Texas Instruments LMP7732MMX/NOPB Datasheet HTML 7Page - Texas Instruments LMP7732MMX/NOPB Datasheet HTML 8Page - Texas Instruments LMP7732MMX/NOPB Datasheet HTML 9Page - Texas Instruments LMP7732MMX/NOPB Datasheet HTML 10Page - Texas Instruments LMP7732MMX/NOPB Datasheet HTML 11Page - Texas Instruments LMP7732MMX/NOPB Datasheet HTML 12Page - Texas Instruments LMP7732MMX/NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
0
10
1k
100k
10M
FREQUENCY (Hz)
-140
-100
-60
1M
10k
100
-20
-40
-80
-120
-PSRR
+PSRR
VS = 2.5V
VS = 3.3V
VS = 5V & 3.3V
160
100
10k
10M
FREQUENCY (Hz)
0
60
1M
100k
1k
120
100
40
20
80
140
VS = 2.5V, 3.3V, 5V
-40 -20
0
20
40
60
80
100 120
TEMPERATURE (°C)
-100
-75
-50
-25
0
25
50
75
100
VS = 2.5V, 3.3V, 5V
VCM = 2V, 2.5V, 4.5V
5 TYPICAL PARTS
-40 -20
0
20
40
60
80 100 120
-30
-20
-10
0
10
20
30
40
TEMPERATURE (°C)
VS = 2.5V, 3.3V, 5V
VCM = 0.5V
5 TYPICAL PARTS
-40
-30
-20
-10
0
10
20
30
40
VOS (PV)
0
1
2
3
4
5
6
7
8
VS = 3.3V
VCM = 2.5V
-0.5
0
0.5
1
1.5
0
2
4
6
8
10
12
14
TCVOS (PV/°C)
VS = 3.3V, 5V
VCM = 2.5V, 4.5V
LMP7732
www.ti.com
SNOSAZ0E – AUGUST 2007 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
Unless otherwise noted: TA = 25°C, RL > 10 kΩ, VCM = VS/2.
Offset Voltage Distribution
TCVOS Distribution
Figure 8.
Figure 9.
Offset Voltage vs. Temperature
Offset Voltage vs. Temperature
Figure 10.
Figure 11.
PSRR vs. Frequency
CMRR vs. Frequency
Figure 12.
Figure 13.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMP7732



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com