Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMZ14202HTZ/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Part # LMZ14202HTZ/NOPB
Description  LMZ14202H SIMPLE SWITCHER® 6V to 42V, 2A High Output Voltage Power Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMZ14202HTZ/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LMZ14202HTZ/NOPB Datasheet HTML 1Page - Texas Instruments LMZ14202HTZ/NOPB Datasheet HTML 2Page - Texas Instruments LMZ14202HTZ/NOPB Datasheet HTML 3Page - Texas Instruments LMZ14202HTZ/NOPB Datasheet HTML 4Page - Texas Instruments LMZ14202HTZ/NOPB Datasheet HTML 5Page - Texas Instruments LMZ14202HTZ/NOPB Datasheet HTML 6Page - Texas Instruments LMZ14202HTZ/NOPB Datasheet HTML 7Page - Texas Instruments LMZ14202HTZ/NOPB Datasheet HTML 8Page - Texas Instruments LMZ14202HTZ/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
LMZ14202H
SNVS691H – JANUARY 2011 – REVISED OCTOBER 2015
www.ti.com
Table of Contents
1
Features .................................................................. 1
8
Application and Implementation ........................ 16
8.1
Application Information............................................ 16
2
Applications ........................................................... 1
8.2
Typical Application ................................................. 16
3
Description ............................................................. 1
9
Power Supply Recommendations ...................... 21
4
Revision History..................................................... 2
10
Layout................................................................... 21
5
Pin Configuration and Functions ......................... 3
10.1
Layout Guidelines ................................................. 21
6
Specifications......................................................... 3
10.2
Layout Example .................................................... 22
6.1
Absolute Maximum Ratings ...................................... 3
10.3
Power Dissipation and Board Thermal
6.2
ESD Ratings.............................................................. 3
Requirements........................................................... 23
6.3
Recommended Operating Conditions ....................... 4
11
Device and Documentation Support ................. 25
6.4
Thermal Information .................................................. 4
11.1
Documentation Support ........................................ 25
6.5
Electrical Characteristics........................................... 4
11.2
Community Resources.......................................... 25
6.6
Typical Characteristics .............................................. 6
11.3
Trademarks ........................................................... 25
7
Detailed Description ............................................ 14
11.4
Electrostatic Discharge Caution ............................ 25
7.1
Overview ................................................................. 14
11.5
Glossary ................................................................ 25
7.2
Functional Block Diagram ....................................... 14
12
Mechanical, Packaging, and Orderable
7.3
Feature Description................................................. 14
Information ........................................................... 25
7.4
Device Functional Modes........................................ 15
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision G (August 2015) to Revision H
Page
•
Added the new bullet to the Power Module SMT Guidelines ............................................................................................... 22
Changes from Revision F (June 2015) to Revision G
Page
•
Changed the title of the document ......................................................................................................................................... 1
Changes from Revision E (October 2013) to Revision F
Page
•
Added Pin Configuration and Functions section, Storage Conditions table, ESD Ratings table, Feature Description
section, Device Functional Modes, Application and Implementation section, Power Supply Recommendations
section, Layout section, Device and Documentation Support section, and Mechanical, Packaging, and Orderable
Information section ................................................................................................................................................................ 1
•
Removed Easy-to-Use PFM 7 Pin Package image................................................................................................................ 1
Changes from Revision D (February 2013) to Revision E
Page
•
Changed 10 mils................................................................................................................................................................... 21
•
Added Power Module SMT Guidelines................................................................................................................................. 21
2
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LMZ14202H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com