Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMV762MA/NOPB.A Datasheet(PDF) 9 Page - Texas Instruments

Part # LMV762MA/NOPB.A
Description  LMV76x and LMV762Q-Q1 Low-Voltage, Precision Comparator With Push-Pull Output
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV762MA/NOPB.A Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMV762MA/NOPB.A Datasheet HTML 5Page - Texas Instruments LMV762MA/NOPB.A Datasheet HTML 6Page - Texas Instruments LMV762MA/NOPB.A Datasheet HTML 7Page - Texas Instruments LMV762MA/NOPB.A Datasheet HTML 8Page - Texas Instruments LMV762MA/NOPB.A Datasheet HTML 9Page - Texas Instruments LMV762MA/NOPB.A Datasheet HTML 10Page - Texas Instruments LMV762MA/NOPB.A Datasheet HTML 11Page - Texas Instruments LMV762MA/NOPB.A Datasheet HTML 12Page - Texas Instruments LMV762MA/NOPB.A Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
0
0.5
1
1.5
2
2.5
0
10
20
30
40
50
60
V
(V)
OUT
V
= 5 V
CC
-40°C
25°C
85°C
125°C
0
0.4
0.6
0.8
1
1.2
1.4
VOUT (V)
0
5
10
15
20
25
0.2
VCC = 2.7 V
-40°C
25°C
85°C
125°C
2
2.5
3
3.5
4
4.5
5
5.5
6
0
0.2
VCC (V)
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.18
125°C
-40°C
85°C
25°C
IL = -2 mA
0
0.5
1
1.5
2
2.5
0
10
20
30
40
50
60
70
80
VOUT (V)
-40°C
25°C
85°C
125°C
VCC = 5 V
2
2.5
3
3.5
4
4.5
5
5.5
6
VCC (V)
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
-40°C
125°C
85°C
25°C
IL = 2 mA
2
2.5
3
3.5
4
4.5
5
5.5
6
VCC (V)
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
-40°C
125°C
85°C
25°C
IL = -4 mA
LMV761, LMV762, LMV762Q-Q1
www.ti.com
SNOS998I – FEBRUARY 2002 – REVISED OCTOBER 2015
Typical Characteristics (continued)
Figure 7. Output Voltage vs Supply Voltage
Figure 8. Output Voltage vs Supply Voltage
Figure 9. Output Voltage vs Supply Voltage
Figure 10. ISOURCE vs VOUT
Figure 12. ISOURCE vs VOUT
Figure 11. ISINK vs VOUT
Copyright © 2002–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMV761 LMV762 LMV762Q-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com