Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP3883ES-1.2/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Part # LP3883ES-1.2/NOPB
Description  LP3883 3A Fast-Response Ultra Low Dropout Linear Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3883ES-1.2/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP3883ES-1.2/NOPB Datasheet HTML 2Page - Texas Instruments LP3883ES-1.2/NOPB Datasheet HTML 3Page - Texas Instruments LP3883ES-1.2/NOPB Datasheet HTML 4Page - Texas Instruments LP3883ES-1.2/NOPB Datasheet HTML 5Page - Texas Instruments LP3883ES-1.2/NOPB Datasheet HTML 6Page - Texas Instruments LP3883ES-1.2/NOPB Datasheet HTML 7Page - Texas Instruments LP3883ES-1.2/NOPB Datasheet HTML 8Page - Texas Instruments LP3883ES-1.2/NOPB Datasheet HTML 9Page - Texas Instruments LP3883ES-1.2/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LP3883
SNVS223F – NOVEMBER 2002 – REVISED APRIL 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Unless otherwise specified: TA = 25°C, COUT = 4.7µF, Cin = 4.7µF, S/D pin is tied to VBIAS, VIN = 2.2V, VOUT = 1.8V.
Line Regulation
vs
VOUTStartup Waveform
VBIAS
Figure 15.
Figure 16.
Line Regulation
vs
VBIAS
VIN PSRR
Figure 17.
Figure 18.
VIN PSRR
VBIAS PSRR
Figure 19.
Figure 20.
6
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LP3883



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com