Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP38869MH/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Part # LP38869MH/NOPB
Description  LP38869 1A FlexCap, Low-Dropout Linear Regulator with 0.75% Accuracy
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP38869MH/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LP38869MH/NOPB Datasheet HTML 1Page - Texas Instruments LP38869MH/NOPB Datasheet HTML 2Page - Texas Instruments LP38869MH/NOPB Datasheet HTML 3Page - Texas Instruments LP38869MH/NOPB Datasheet HTML 4Page - Texas Instruments LP38869MH/NOPB Datasheet HTML 5Page - Texas Instruments LP38869MH/NOPB Datasheet HTML 6Page - Texas Instruments LP38869MH/NOPB Datasheet HTML 7Page - Texas Instruments LP38869MH/NOPB Datasheet HTML 8Page - Texas Instruments LP38869MH/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
-50
-25
0
25
50
75
100 125
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
TEMPERATURE, TJ(°C)
Adjustable Mode
VIN= 5.5V
1m
10m
100m
1
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
OUTPUT CURRENT (A)
VIN = 5.5V
VIN = 3.0V
-50
-25
0
25
50
75
100 125
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
TEMPERATURE, TJ(°C)
Adjustable Mode
VIN= 2.7V
LP38869
www.ti.com
SNVS877B – AUGUST 2012 – REVISED APRIL 2013
Typical Performance Characteristics
Unless otherwise specified: TJ = 25°C, VIN = 5.0V, VSHDN = VIN, VSET = 0.0V, VOUT = 2.5V, SS = Open, CIN = 1 µF, COUT = 1 µF
MLCC, IOUT = 100mA
VOUT vs. IOUT
VREF vs. Temperature (TJ), VIN = 2.7V
Figure 2.
Figure 3.
VREF vs. Temperature (TJ), VIN = 5.5V
IGND vs. VIN
Figure 4.
Figure 5.
IGND vs. IOUT, VIN = 2.7V
IGND vs IOUT, VIN = 3.0V
Figure 6.
Figure 7.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP38869



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com