Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP3954TLX/NOPB Datasheet(PDF) 25 Page - Texas Instruments

Part # LP3954TLX/NOPB
Description  Advanced Lighting Management Unit
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3954TLX/NOPB Datasheet(HTML) 25 Page - Texas Instruments

Back Button LP3954TLX/NOPB Datasheet HTML 21Page - Texas Instruments LP3954TLX/NOPB Datasheet HTML 22Page - Texas Instruments LP3954TLX/NOPB Datasheet HTML 23Page - Texas Instruments LP3954TLX/NOPB Datasheet HTML 24Page - Texas Instruments LP3954TLX/NOPB Datasheet HTML 25Page - Texas Instruments LP3954TLX/NOPB Datasheet HTML 26Page - Texas Instruments LP3954TLX/NOPB Datasheet HTML 27Page - Texas Instruments LP3954TLX/NOPB Datasheet HTML 28Page - Texas Instruments LP3954TLX/NOPB Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 58 page
background image
RFLASH
1.23V
IFLASH
(1.23V)
1 mA
up to 300 mA
1 mA
FLASH
LED
1 mA
LOUT
+
-
LP3954
www.ti.com
SNVS340D – JUNE 2005 – REVISED MARCH 2013
CURRENT CONTROL FOR FLASH
To minimize the internal current consumption, the flash function has an enable bit EN_HCFLASH in the
HC_Flash register.
EN_HCFLASH
0
FLASH disabled, no extra current consumption through RFLASH
1
FLASH enabled, IFLASH set by HC_SW[1:0] (see below)
HC[1:0] bits in the HC_Flash register control the FLASH current as show in following table.
HC[1:0]
I(FLASH)
00
0.25 × IMAX(FLASH)
01
0.50 × IMAX(FLASH)
10
0.75 × IMAX(FLASH)
11
1.00 × IMAX(FLASH)
Figure 23 shows the internal structure for the FLASH driver.
Figure 23. Internal Structure of Flash Driver
FLASH TIMING
Flash output is turned on in lower current View finder mode when the EN_HCFLASH bit is written high. The
actual Flash at maximum current starts when the EN_FLASH i/o-pin goes high. The Flash length can be selected
from 3 pre-defined values or EN_FLASH pin pulse length can determine the length. The pulse length is
controlled by the FT_T[1:0] bits as show in the table below.
Current During View
FL_T[1:0]
Flash Duration Typ
Current During FLASH
Finder/Focusing
00
200ms
Set by HC[1:0]
HC[11] = IMAX(FLASH)
01
400ms
Set by HC[1:0]
HC[11] = IMAX(FLASH)
10
600ms
Set by HC[1:0]
HC[11] = IMAX(FLASH)
11
EN_FLASH on duration
Set by HC[1:0]
HC[11] = IMAX(FLASH)
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: LP3954



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com