Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP4951CMX/NOPB.B Datasheet(PDF) 3 Page - Texas Instruments

Part # LP4951CMX/NOPB.B
Description  LP4950C-5V and LP4951C Adjustable Micropower Voltage Regulators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP4951CMX/NOPB.B Datasheet(HTML) 3 Page - Texas Instruments

  LP4951CMX/NOPB.B Datasheet HTML 1Page - Texas Instruments LP4951CMX/NOPB.B Datasheet HTML 2Page - Texas Instruments LP4951CMX/NOPB.B Datasheet HTML 3Page - Texas Instruments LP4951CMX/NOPB.B Datasheet HTML 4Page - Texas Instruments LP4951CMX/NOPB.B Datasheet HTML 5Page - Texas Instruments LP4951CMX/NOPB.B Datasheet HTML 6Page - Texas Instruments LP4951CMX/NOPB.B Datasheet HTML 7Page - Texas Instruments LP4951CMX/NOPB.B Datasheet HTML 8Page - Texas Instruments LP4951CMX/NOPB.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LP4950C-5V, LP4951C
www.ti.com
SNVS208C – SEPTEMBER 2002 – REVISED APRIL 2013
ELECTRICAL CHARACTERISTICS
(1)
LP4950CZ
LP4951CM
Conditions
Parameter
Units
(1)
Tested
Design
Typ
Limit(2)
Limit(3)
Output Voltage
TJ = 25°C
5.0
5.1
V max
4.9
V min
−25°C ≤ TJ ≤ 85°C
5.15
V max
4.85
V min
Full Operating Temperature Range
5.2
V max
4.8
V min
Output Voltage
100
μA ≤ IL ≤ 100 mA
5.24
V max
TJ ≤ TJMAX
4.76
V min
Output Voltage Temperature
(4)
150
ppm/°C
Coefficient
Line Regulation(5)
6V
≤ VIN ≤ 30V
(6)
0.04
0.2
% max
0.4
% max
Load Regulation(5)
100
μA ≤ IL ≤ 100mA
0.1
0.2
% max
0.3
% max
Dropout Voltage(7)
IL = 100μA
50
80
mV max
150
mV max
IL = 100mA
380
450
mV max
600
mV max
Ground Current
IL = 100μA
75
150
μA max
170
μA max
IL = 100mA
8
15
mA max
19
mA max
Dropout Ground Current
VIN = 4.5V
110
200
μA max
IL = 100μA
230
μA max
Current Limit
VOUT = 0
160
200
mA max
220
mA max
Thermal Regulation
(8)
0.05
0.2
%/W max
Output Noise, 10 Hz to 100 kHz CL = 1μF
430
μV rms
CL = 200μF
160
μV rms
CL = 3.3μF (Bypass = 0.01μF Pins 7
100
μV rms
to 1 (LP4951C)
(1)
Unless otherwise noted all limits specified for VIN = 6V, IL = 100μA and CL = 1μF. Limits appearing in boldface type apply over the
entire junction temperature range for operation. Limits appearing in normal type apply for TA = TJ = 25°C. Additional conditions for the 8-
pin versions are FEEDBACK tied to VTAP, OUTPUT tied to SENSE (VOUT = 5V), and VSHUTDOWN ≤ 0.8V.
(2)
Specified and 100% production tested.
(3)
Specified but not 100% production tested. These limits are not used to calculate outgoing AQL levels.
(4)
Output or reference voltage temperature coefficient is defined as the worst case voltage change divided by the total temperature range.
(5)
Regulation is measured at constant junction temperature, using pulse testing with a low duty cycle. Changes in output voltage due to
heating effects are covered under the specification for thermal regulation.
(6)
Line regulation for the LP4951C is tested at 150°C for IL = 1 mA. For IL = 100μA and TJ = 125°C, line regulation is specified by design to
0.2%. See Typical Performance Characteristics for line regulation versus temperature and load current.
(7)
Dropout Voltage is defined as the input to output differential at which the output voltage drops 100 mV below its nominal value
measured at 1V differential. At very low values of programmed output voltage, the minimum input supply voltage of 2V (2.3V over
temperature) must be taken into account.
(8)
Thermal regulation is defined as the change in output voltage at a time T after a change in power dissipation is applied, excluding load
or line regulation effects. Specifications are for a 50 mA load pulse at VIN = 30V (1.25W pulse) for T = 10ms.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LP4950C-5V LP4951C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com