Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP3981IMM-2.5/NOPB Datasheet(PDF) 9 Page - Texas Instruments

Part # LP3981IMM-2.5/NOPB
Description  LP3981 Micropower, 300-mA Ultra-Low-Dropout CMOS Voltage Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3981IMM-2.5/NOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button LP3981IMM-2.5/NOPB Datasheet HTML 5Page - Texas Instruments LP3981IMM-2.5/NOPB Datasheet HTML 6Page - Texas Instruments LP3981IMM-2.5/NOPB Datasheet HTML 7Page - Texas Instruments LP3981IMM-2.5/NOPB Datasheet HTML 8Page - Texas Instruments LP3981IMM-2.5/NOPB Datasheet HTML 9Page - Texas Instruments LP3981IMM-2.5/NOPB Datasheet HTML 10Page - Texas Instruments LP3981IMM-2.5/NOPB Datasheet HTML 11Page - Texas Instruments LP3981IMM-2.5/NOPB Datasheet HTML 12Page - Texas Instruments LP3981IMM-2.5/NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
LP3981
www.ti.com
SNVS159H – OCTOBER 2001 – REVISED JULY 2015
Typical Characteristics (continued)
Unless otherwise specified, CIN = COUT = 2.2 µF ceramic, CBP = 0.033 µF, VIN = VOUT + 0.5 V, TA = 25°C, EN pin is tied to VIN.
Figure 13. Enable Response (tON)
Figure 14. Enable Response (tON)
7 Parameter Measurement Information
Figure 15. Line Transient Response Input Perturbation
Figure 16. PSRR Input Perturbation
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LP3981



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com