Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP5904TME-1.2/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Part # LP5904TME-1.2/NOPB
Description  Ultra Low Noise, 200 mA Linear Regulator for RF/Analog Circuits - Requires No Bypass Capacitor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5904TME-1.2/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LP5904TME-1.2/NOPB Datasheet HTML 1Page - Texas Instruments LP5904TME-1.2/NOPB Datasheet HTML 2Page - Texas Instruments LP5904TME-1.2/NOPB Datasheet HTML 3Page - Texas Instruments LP5904TME-1.2/NOPB Datasheet HTML 4Page - Texas Instruments LP5904TME-1.2/NOPB Datasheet HTML 5Page - Texas Instruments LP5904TME-1.2/NOPB Datasheet HTML 6Page - Texas Instruments LP5904TME-1.2/NOPB Datasheet HTML 7Page - Texas Instruments LP5904TME-1.2/NOPB Datasheet HTML 8Page - Texas Instruments LP5904TME-1.2/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
+
-
+
-
OUT
IN
A special integrated filter
for noise suppression
Bandgap
1.2V
FILTER
REFERENCE
VREFC
Cf
Rf
VEN
280W
SVA-30110406
LP5904
www.ti.com
SNVS637G – MARCH 2011 – REVISED APRIL 2013
ELECTRICAL CHARACTERISTICS
(1)(2) (continued)
Limits in standard typeface are for TA = 25°C. Limits in boldface type apply over the full operating junction temperature range
(–40°C
≤ TJ ≤ +125°C). Unless otherwise noted, specifications apply to the LP5904 Typical Application Circuit with: VIN = VOUT
(NOM) + 1.0V, VEN = 1.2V, CIN = 1.0 µF, COUT = 1.0 µF, IOUT = 1.0 mA.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TRANSIENT CHARACTERISTICS
VIN = (VOUT(NOM) + 1.0V) to (VOUT(NOM) + 1.6V) in 30 µs,
–2
IOUT = 1mA
Line Transient(10)
mV
VIN = (VOUT(NOM) + 1.6V) to (VOUT(NOM) + 1.0V) in 30 µs,
2
IOUT = 1mA
ΔVOUT
IOUT = 1mA to 200 mA in 10 µs
–50
Load Transient(10)
mV
IOUT = 200 mA to 1mA in 10 µs
50
Overshoot on Startup(10)
Stated as a percentage of nominal VOUT
2
%
Turn-on Time
To 95% of VOUT(NOM)
85
300
µs
(10) This specification is ensured by design.
OUTPUT AND INPUT CAPACITORS
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN(1)
TYP
MAX
UNIT
CIN
Input Capacitance(2)
0.5
1.0
Capacitance for stability
µF
COUT
Output Capacitance(2)
0.5
1.0
10
ESR
Output/Input Capacitance(2)
5
500
m
Ω
(1)
Note: The minimum capacitance should be greater than 0.5
μF over the full range of operating conditions. The capacitor tolerance
should be 30% or better over the full temperature range. The full range of operating conditions for the capacitor in the application should
be considered during device selection to ensure this minimum capacitance specification is met. X7R capacitors are recommended
however capacitor types X5R, Y5V and Z5U may be used with consideration of the application and conditions.
(2)
This specification is ensured by design.
BLOCK DIAGRAM
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP5904



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com