Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPFRA04MS Datasheet(PDF) 5 Page - Positronic.

Part # SPFRA04MS
Description  SCORPION MODULAR POWER, SIGNAL CONNECTORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

SPFRA04MS Datasheet(HTML) 5 Page - Positronic.

  SPFRA04MS Datasheet HTML 1Page - Positronic. SPFRA04MS Datasheet HTML 2Page - Positronic. SPFRA04MS Datasheet HTML 3Page - Positronic. SPFRA04MS Datasheet HTML 4Page - Positronic. SPFRA04MS Datasheet HTML 5Page - Positronic. SPFRA04MS Datasheet HTML 6Page - Positronic. SPFRA04MS Datasheet HTML 7Page - Positronic. SPFRA04MS Datasheet HTML 8Page - Positronic. SPFRA04MS Datasheet HTML 9Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Positronic
Scorpion General Information
THE SCIENCE OF CERTAINTY
connectpositronic.com
5
/AA
RoHS 5/6 (< 4% lead)
1
Wire, order contacts separately
A1
Gold flash over 1.27μm Ni (nominal) over Cu
A2
Gold flash over 1.27μm Ni (nominal) over Cu, solder coat tails
*1
C1
0.76μm Au (min) over 1.27μm Ni (nominal) over Cu
C2
0.76μm Au (min) over 1.27μm Ni (nominal) over Cu, solder coat tails
*1
D1
1.27μm Au (min) over 1.27μm Ni (nominal) over Cu
D2
1.27μm Au (min) over 1.27μm Ni (nominal) over Cu, solder coat tails
*1
0
None
B
Angle brackets, clearance hole
*1
LN
Angle brackets, boardlocks
*1
BS
Angle brackets, threaded
*1
TB
Angle brackets, fixed female jackposts
*1
TLN
Angle brackets, boardlocks, fixed female jackposts
*1
N
Boardlocks
*2
TN
Boardlocks, fixed female jackposts
E
Rotating male jackscrews
T
Fixed female jackposts
W
Backshell
*3
WE
Backshell, rotating male jackscrews
*3
0
None
1
2-56 threaded insert
*1
2
4-40 threaded insert
*2
82
Float mount, 0.60 [0.024] per side, 1.50 [0.059] panel thickness
*3
821
Float mount, 2-56 threaded insert, 0.60 [0.024] per side, 1.50 [0.059] panel thickness
*1
822
Float mount, 4-40 threaded insert, 0.60 [0.024] per side, 1.50 [0.059] panel thickness
*2
823
Float mount, 2-56 threaded insert, 1.20 [0.047] per side, 1.50 [0.059] panel thickness
*4
824
Float mount, 4-40 threaded insert, 1.20 [0.047] per side, 1.50 [0.059] panel thickness
*2
83
Float mount, 2.30 [0.091] panel thickness
*3
831
Float mount, 2-56 threaded insert, 0.60 [0.024] per side, 2.30 [0.091] panel thickness
*1
832
Float mount, 4-40 threaded insert, 0.60 [0.024] per side, 2.30 [0.091] panel thickness
*2
833
Float mount, 2-56 threaded insert, 1.20 [0.047] per side, 2.30 [0.091] panel thickness
*4
834
Float mount, 4-40 threaded insert, 1.20 [0.047] per side, 2.30 [0.091] panel thickness
*2
0
Not vented
9
Vented for improved cooling
*1
*1 Not for use with code 93 or 938 in Termination step.
*1 Not for use with module A in Layout step or with signal contacts.
*1 For use with code 1 or 2 in Body Style step.
*2 For use with code 8 in Body Style step.
*3 For use with code 1, 2, 4 or 5 in Body Style step, contact Technical Sales for more floating options.
*4 For use with code 1 in Body Style step, contact Technical Sales for more floating options.
*1 For use with right angle PCB mount using code 4 or 48 in Termination step.
*2 For use with straight and right angle PCB mount using code 3, 38, 4 or 48 in Termination step.
*3 For use with two N5 spacer modules in Layout step, one spacer will be needed on each end of connector.
Environmental Compliance
•
Contact Plating
•
For more information, refer to page 15
Optional Features
•
For more information, refer to pages 14-15
Mounting Options & Locking Systems
•
For more information, refer to page 14
Panel Mount
•
CREATE A PART
0
B
9
1
/AA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com