Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PX0695/10/PC Datasheet(PDF) 15 Page - Bulgin Limited. All rights reserved.

Part # PX0695/10/PC
Description  IEC Connectors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PX0695/10/PC Datasheet(HTML) 15 Page - Bulgin Limited. All rights reserved.

Back Button PX0695/10/PC Datasheet HTML 11Page - Bulgin Limited. All rights reserved. PX0695/10/PC Datasheet HTML 12Page - Bulgin Limited. All rights reserved. PX0695/10/PC Datasheet HTML 13Page - Bulgin Limited. All rights reserved. PX0695/10/PC Datasheet HTML 14Page - Bulgin Limited. All rights reserved. PX0695/10/PC Datasheet HTML 15Page - Bulgin Limited. All rights reserved. PX0695/10/PC Datasheet HTML 16Page - Bulgin Limited. All rights reserved. PX0695/10/PC Datasheet HTML 17Page - Bulgin Limited. All rights reserved. PX0695/10/PC Datasheet HTML 18Page - Bulgin Limited. All rights reserved. PX0695/10/PC Datasheet HTML 19Page - Bulgin Limited. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
IEC Connectors 251
Rewirable
IEC Connectors
EN60 320-2-2 Standard Sheet F Class I
Snap Fit To Panel Two Way Outlet
Snap Fit To Panel Three Way Outlet
Snap Fit To Panel Four Way Outlet
PX0714/2/15/28
PX0741/3/15/28
PX0714/4/15/28
Panel Size 1.5mm
2.8mm Solder Tabs
10A, 250V a.c.
(15A, 250V a.c. UL)
All Terminals Linked
Panel Size 1.5mm
2.8mm Solder Tabs
10A, 250V a.c.
(15A, 250V a.c. UL)
All Terminals Linked
Panel Size 1.5mm
2.8mm Solder Tabs
10A, 250V a.c.
(15A, 250V a.c. UL)
All Terminals Linked
Specifications
Fixing(Panel):
Max. Rating:
Colours:
Operating Temp.
Withdrawal Force:
Mouldings:
Contacts:
Approvals:
Mating Outlets:
RoHS
Snap fit /15 (1.5mm)
10A, 250V a.c. 15A, 250V a.c UL
No suffix (Black)
-20°C to +70°C
10N (Min.) 50N (Max.)
Glass filled Thermoplastic, UL94V-0
Plated Copper Alloy
PX0686, PX0686/SE, PZ0500, PZ0600
Compliant
PX0714/2/15/28
PX0714/3/15/28
PX0714/4/15/28
Snap fit /15 (1.5mm)
10A, 250V a.c. 15A, 250V a.c UL
No suffix (Black)
-20°C to +70°C
10N (Min.) 50N (Max.)
Glass filled Thermoplastic, UL94V-0
Plated Copper Alloy
PX0686, PX0686/SE, PZ0500, PZ0600
Compliant
Snap fit /15 (1.5mm)
10A, 250V a.c. 15A, 250V a.c UL
No suffix (Black)
-20°C to +70°C
10N (Min.) 50N (Max.)
Glass filled Thermoplastic, UL94V-0
Plated Copper Alloy
PX0686, PX0686/SE, PZ0500, PZ0600
Compliant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com