Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OPT3002DNPR Datasheet(PDF) 13 Page - Texas Instruments

Part # OPT3002DNPR
Description  OPT3002 Light-to-Digital Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPT3002DNPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPT3002DNPR Datasheet HTML 9Page - Texas Instruments OPT3002DNPR Datasheet HTML 10Page - Texas Instruments OPT3002DNPR Datasheet HTML 11Page - Texas Instruments OPT3002DNPR Datasheet HTML 12Page - Texas Instruments OPT3002DNPR Datasheet HTML 13Page - Texas Instruments OPT3002DNPR Datasheet HTML 14Page - Texas Instruments OPT3002DNPR Datasheet HTML 15Page - Texas Instruments OPT3002DNPR Datasheet HTML 16Page - Texas Instruments OPT3002DNPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
13
OPT3002
www.ti.com
SBOS745A – MAY 2016 – REVISED JUNE 2016
Product Folder Links: OPT3002
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.4 Device Functional Modes
7.4.1 Automatic Full-Scale Setting Mode
The OPT3002 has an automatic full-scale-range setting mode that eliminates the need for a user to predict and
set the optimal range for the device. This mode is entered when the configuration register range number field
(RN[3:0]) is set to 1100b.
The first measurement that the device takes in auto-range mode is a 10-ms range assessment measurement.
The device then determines the appropriate full-scale range to take its first full measurement.
For subsequent measurements, the full-scale range is set by the result of the previous measurement. If a
measurement is towards the low side of full-scale, then the full-scale range is decreased by one or two settings
for the next measurement. If a measurement is towards the upper side of full-scale, then the full-scale range is
increased by one setting for the next measurement.
If the measurement exceeds the full-scale range, resulting from a fast-increasing optical transient event, then the
current measurement is aborted. This invalid measurement is not reported. A 10-ms measurement is taken to
assess and properly reset the full-scale range. Then, a new measurement is taken with this proper full-scale
range. Therefore, during a fast-increasing optical transient in this mode, a measurement can possibly take longer
to complete and report than indicated by the configuration register conversion time field (CT).
7.4.2 Interrupt Reporting Mechanism Modes
There are two major types of interrupt reporting mechanism modes: latched window-style comparison mode and
transparent hysteresis-style comparison mode. The configuration register latch field (L) (see the configuration
register, bit 4) controls which of these two modes is used. An end-of-conversion mode is also associated with
each major mode type. The end-of-conversion mode is active when the two most significant bits of the threshold
low register are set to 11b. The mechanisms report via the flag high and flag low fields, the conversion ready
field, and the INT pin.
7.4.2.1 Latched Window-Style Comparison Mode
The latched window-style comparison mode is typically selected when using the OPT3002 to interrupt an
external processor. In this mode, a fault is recognized when the input signal is above the high-limit register or
below the low-limit register. When the consecutive fault events trigger the interrupt reporting mechanisms, these
mechanisms are latched, thus reporting whether the fault is the result of a high or low comparison. These
mechanisms remain latched until the configuration register is read, which clears the INT pin and flag high and
flag low fields. The SMBus alert response protocol, described in detail in the SMBus Alert Response section,
clears the pin but does not clear the flag high and flag low fields. The behavior of this mode, along with the
conversion ready flag, is summarized in Table 2. Note that Table 2 does not apply when the two threshold low
register MSBs (see the Transparent Hysteresis-Style Comparison Mode section for clarification on the MSBs) are
set to 11b.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com