Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADC12L032 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12L032
Description  3.3V Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12L032 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button ADC12L032 Datasheet HTML 2Page - National Semiconductor (TI) ADC12L032 Datasheet HTML 3Page - National Semiconductor (TI) ADC12L032 Datasheet HTML 4Page - National Semiconductor (TI) ADC12L032 Datasheet HTML 5Page - National Semiconductor (TI) ADC12L032 Datasheet HTML 6Page - National Semiconductor (TI) ADC12L032 Datasheet HTML 7Page - National Semiconductor (TI) ADC12L032 Datasheet HTML 8Page - National Semiconductor (TI) ADC12L032 Datasheet HTML 9Page - National Semiconductor (TI) ADC12L032 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
DC and Logic Electrical Characteristics
The following specifications apply for V
+ =V
A+=VD+ = +3.3 VDC,VREF+ = +2.500 VDC,VREF−=0VDC, 12-bit + sign conver-
sion mode, f
CK =fSK = 5 MHz, RS =25
Ω, source impedance for V
REF+ and VREF−
≤ 25Ω, fully-differential input with fixed
1.250V common-mode voltage, and 10(t
CK) acquisition time unless otherwise specified. Boldface limits apply for TA =TJ =
T
MIN to TMAX; all other limits TA =TJ = 25˚C. (Notes 7, 8, 9)
Symbol
Parameter
Conditions
Typical
(Note 10)
Limits
(Note 11)
Units
(Limits)
CCLK, CS, CONV, DI, PD AND SCLK INPUT CHARACTERISTICS
V
IN(1)
Logical “1” Input Voltage
V
+ = 3.6V
2.0
V (min)
V
IN(0)
Logical “0” Input Voltage
V
+ = 3.0V
0.8
V (max)
I
IN(1)
Logical “1” Input Current
V
IN = 3.3V
0.005
1.0
µA (max)
I
IN(0)
Logical “0” Input Current
V
IN = 0V
−0.005
−1.0
µA (min)
DO, EOC AND DOR DIGITAL OUTPUT CHARACTERISTICS
V
OUT(1)
Logical “1” Output Voltage
V
+ = 3.0V, I
OUT = −360 µA
2.4
V (min)
V
+ = 3.0V, I
OUT =−10µA
2.9
V (min)
V
OUT(0)
Logical “0” Output Voltage
V
+ = 3.0V, I
OUT = 1.6 mA
0.4
V (max)
I
OUT
TRI-STATE Output Current
V
OUT = 0V
−0.1
−3.0
µA (max)
V
OUT = 3.3V
0.1
3.0
µA (max)
+I
SC
Output Short Circuit Source Current
V
OUT =0V
14
6.5
mA (min)
−I
SC
Output Short Circuit Sink Current
V
OUT =VD+16
8.0
mA (min)
POWER SUPPLY CHARACTERISTICS
I
D+
Digital Supply Current
Awake
1.1
1.5
mA (max)
CS = HIGH, Powered Down, CCLK on
600
µA
CS = HIGH, Powered Down, CCLK off
12
µA
I
A+
Positive Analog Supply Current
Awake
2.2
3.0
mA (max)
CS = HIGH, Powered Down, CCLK on
10
µA
CS = HIGH, Powered Down, CCLK off
0.1
µA
I
REF
Reference Input Current
Awake
70
µA
CS = HIGH, Powered Down
0.1
µA
AC Electrical Characteristics
The following specifications apply for V
+ =V
A+=VD+ = +3.3 VDC,VREF+ = +2.500 VDC,VREF−=0VDC, 12-bit + sign conver-
sion mode, t
r =tf = 3 ns, fCK =fSK = 5 MHz, RS =25
Ω, source impedance for V
REF+ and VREF−
≤ 25Ω, fully-differential input
with fixed 1.250V common-mode voltage, and 10(t
CK) acquisition time unless otherwise specified. Boldface limits apply for
T
A =TJ =TMIN to TMAX; all other limits TA =TJ = 25˚C. (Note 17)
Symbol
Parameter
Conditions
Typical
(Note 10)
Limits (Note 11)
Units (Limits)
f
CK
Conversion Clock (CCLK) Frequency
10
5
MHz (max)
1
MHz (min)
f
SK
Serial Data Clock SCLK Frequency
10
5
MHz (max)
0
Hz (min)
Conversion Clock Duty Cycle
40
% (min)
60
% (max)
Serial Data Clock Duty Cycle
40
% (min)
60
% (max)
t
C
Conversion Time
12-Bit + Sign or 12-Bit
44(t
CK)
44(t
CK)
(max)
8.8
µs (max)
8-Bit + Sign or 8-Bit
21(t
CK)
21(t
CK)
(max)
4.2
µs (max)
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com