Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74LVC2G14DBVR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G14DBVR
Description  DUAL SCHMITT-TRIGGER INVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC2G14DBVR Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC2G14DBVR Datasheet HTML 1Page - Texas Instruments SN74LVC2G14DBVR Datasheet HTML 2Page - Texas Instruments SN74LVC2G14DBVR Datasheet HTML 3Page - Texas Instruments SN74LVC2G14DBVR Datasheet HTML 4Page - Texas Instruments SN74LVC2G14DBVR Datasheet HTML 5Page - Texas Instruments SN74LVC2G14DBVR Datasheet HTML 6Page - Texas Instruments SN74LVC2G14DBVR Datasheet HTML 7Page - Texas Instruments SN74LVC2G14DBVR Datasheet HTML 8Page - Texas Instruments SN74LVC2G14DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
www.ti.com
FEATURES
3
2
4
6
1
1A
1Y
2Y
GND
2A
DBV PACKAGE
(TOP VIEW)
YZP PACKAGE
(BOTTOM VIEW)
DCK PACKAGE
(TOP VIEW)
3
2
4
6
1
1A
1Y
2Y
GND
2A
1A
2A
1Y
2Y
GND
See mechanical drawings for dimensions.
1
4
2
3
6
VCC
VCC
5
VCC
5
5
DESCRIPTION/ORDERING INFORMATION
SN74LVC2G14
DUAL SCHMITT-TRIGGER INVERTER
SCES200L – APRIL 1999 – REVISED JANUARY 2007
• Available in the Texas Instruments
• Typical V
OHV (Output VOH Undershoot)
NanoFree™ Package
>2 V at V
CC = 3.3 V, TA = 25°C
• Supports 5-V V
CC Operation
• I
off Feature Supports Partial-Power-Down
Mode Operation
• Inputs Accept Voltages to 5.5 V
• Latch-Up Performance Exceeds 100 mA Per
• Max t
pd of 5.4 ns at 3.3 V
JESD 78, Class II
• Low Power Consumption, 10-µA Max I
CC
• ESD Protection Exceeds JESD 22
• ±24-mA Output Drive at 3.3 V
–
2000-V Human-Body Model (A114-A)
• Typical V
OLP (Output Ground Bounce)
–
1000-V Charged-Device Model (C101)
<0.8 V at V
CC = 3.3 V, TA = 25°C
This dual Schmitt-trigger inverter is designed for 1.65-V to 5.5-V VCC operation.
NanoFree™ package technology is a major breakthrough in IC packaging concepts, using the die as the
package.
The SN74LVC2G14 contains two inverters and performs the Boolean function Y = A. The device functions as
two independent inverters, but because of Schmitt action, it may have different input threshold levels for
positive-going (VT+) and negative-going (VT–) signals.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(2)
NanoFree™ – WCSP (DSBGA)
Reel of 3000
SN74LVC2G14YZPR
_ _ _CF_
0.23-mm Large Bump – YZP (Pb-free)
Reel of 3000
SN74LVC2G14DBVR
SOT (SOT-23) – DBV
C14_
–40°C to 85°C
Reel of 250
SN74LVC2G14DBVT
Reel of 3000
SN74LVC2G14DCKR
SOT (SC-70) – DCK
CF_
Reel of 250
SN74LVC2G14DCKT
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
(2)
DBV/DCK: The actual top-side marking has one additional character that designates the assembly/test site.
YZP: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one following
character to designate the assembly/test site. Pin 1 identifier indicates solder-bump composition (1 = SnPb,
• = Pb-free).
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
NanoFree is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74LVC2G14DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G14DBVR TI-SN74LVC2G14DBVR Datasheet
386Kb / 15P
DUAL SCHMITT-TRIGGER INVERTER
SN74LVC2G14DBVR TI-SN74LVC2G14DBVR Datasheet
584Kb / 15P
DUAL SCHMITT-TRIGGER INVERTER
SN74LVC2G14DBVR TI1-SN74LVC2G14DBVR Datasheet
1Mb / 24P
Dual Schmitt-Trigger Inverter
SN74LVC2G14DBVR TI1-SN74LVC2G14DBVR Datasheet
1Mb / 24P
Dual Schmitt-Trigger Inverter
logo
Guangdong Youtai Semico...
SN74LVC2G14DBVR UMW-SN74LVC2G14DBVR Datasheet
794Kb / 9P
SN74LVC2G14
More results

Similar Description - SN74LVC2G14DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G14 TI-SN74LVC2G14 Datasheet
386Kb / 15P
DUAL SCHMITT-TRIGGER INVERTER
SN74LVC2G14-Q1 TI-SN74LVC2G14-Q1 Datasheet
130Kb / 7P
DUAL SCHMITT-TRIGGER INVERTER
SN74LVC2G14 TI-SN74LVC2G14_09 Datasheet
584Kb / 15P
DUAL SCHMITT-TRIGGER INVERTER
logo
ON Semiconductor
NLU2G14 ONSEMI-NLU2G14 Datasheet
138Kb / 8P
Dual Schmitt-Trigger Inverter
July, 2008 ??Rev. 3
NLX2G14 ONSEMI-NLX2G14 Datasheet
144Kb / 8P
Dual Schmitt-Trigger Inverter
November, 2009 ??Rev. 2
logo
Diodes Incorporated
74LVC2G14 DIODES-74LVC2G14 Datasheet
242Kb / 10P
DUAL SCHMITT TRIGGER INVERTER
Rev 3
logo
ON Semiconductor
NLV27WZ14DFT2G ONSEMI-NLV27WZ14DFT2G Datasheet
129Kb / 6P
Dual Schmitt-Trigger Inverter
March, 2013 ??Rev. 13
logo
Unisonic Technologies
U74LVC2G14 UTC-U74LVC2G14_15 Datasheet
191Kb / 5P
DUAL SCHMITT-TRIGGER INVERTER
U74LVC2G17 UTC-U74LVC2G17_15 Datasheet
158Kb / 5P
DUAL SCHMITT-TRIGGER INVERTER
logo
ON Semiconductor
NLU2G14 ONSEMI-NLU2G14_16 Datasheet
72Kb / 7P
Dual Schmitt-Trigger Inverter
July, 2016 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com