Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PM108FRALSP-XXX Datasheet(PDF) 2 Page - Anderson Power Products, Inc.

Part # PM108FRALSP-XXX
Description  One Row - Female
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

PM108FRALSP-XXX Datasheet(HTML) 2 Page - Anderson Power Products, Inc.

  PM108FRALSP-XXX Datasheet HTML 1Page - Anderson Power Products, Inc. PM108FRALSP-XXX Datasheet HTML 2Page - Anderson Power Products, Inc. PM108FRALSP-XXX Datasheet HTML 3Page - Anderson Power Products, Inc. PM108FRALSP-XXX Datasheet HTML 4Page - Anderson Power Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DIMENSIONS - mm(in.)
ORDERING INFORMATION
TEMPERATURE CHARTS
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
30
1 Row
Current vs Temperature Rise
4mm²
12AWG
3 circuits all energized
Amps
100
110
120
130
140
150
160
170
180
190
200
0
5
10
15
20
25
30
1 Row
Ambient Temperature De-rating
4mm²
12AWG
3 circuits all energized
Amps
A
Cable Connector
Part
Number
Description
PM103FOOLOO
1x3 FEMALE Cable Connector
PM104FOOLOO
1x4 FEMALE Cable Connector
PM106FOOLOO
1x6 FEMALE Cable Connector
PM108FOOLOO
1x8 FEMALE Cable Connector
Panel Mount With Screws
Part
Number
Description
PM103FOOLSC
1x3 FEMALE Cable Connector
PM104FOOLSC
1x4 FEMALE Cable Connector
PM106FOOLSC
1x6 FEMALE Cable Connector
PM108FOOLSC
1x8 FEMALE Cable Connector
Cable Connector
10.4
(0.41)
23.4
(0.92)
9.0
(0.35)
ROWS
-A-
CONTACTS mm in.
1 - 03
28.5 1.12
1 - 04
33.5 1.32
1 - 06
43.5 1.71
1 - 08
53.5 2.11
Panel Mount With Mounting Clip
Part
Number
Description
PM103FOOLMC
1x3 FEMALE Cable Connector
PM104FOOLMC
1x4 FEMALE Cable Connector
PM106FOOLMC
1x6 FEMALE Cable Connector
PM108FOOLMC
1x8 FEMALE Cable Connector
With Snap-in Panel Clip
Part
Number
Description
PM103FOOLPC
1x3 FEMALE Cable Connector
PM104FOOLPC
1x4 FEMALE Cable Connector
PM106FOOLPC
1x6 FEMALE Cable Connector
PM108FOOLPC
1x8 FEMALE Cable Connector
With Clam Shell Hood & Strain Relief
Part
Number
Description
PM103FOOLCH
1x3 FEMALE Cable Connector
PM104FOOLCH
1x4 FEMALE Cable Connector
PM106FOOLCH
1x6 FEMALE Cable Connector
PM108FOOLCH
1x8 FEMALE Cable Connector
Crimp Contacts
Part
Wire
Number
Description AWG
sq. mm
PM16S2024S32
Socket
#24 / 20 0.50 / 0.75
PM16S1620S32
Socket
#20 / 16 0.50 / 1.5
PM16S1416S32
Socket
#16 / 14 1.5 / 2.5
PM16S12S32
Socket
#12
2.5 / 4.0
See accessory section for panel clip and mounting clip cut-out dimensions.
9.4
(0.37)
www.andersonpower.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com