Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PM108FRALSC-XXX Datasheet(PDF) 4 Page - Anderson Power Products, Inc.

Part # PM108FRALSC-XXX
Description  One Row - Female
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

PM108FRALSC-XXX Datasheet(HTML) 4 Page - Anderson Power Products, Inc.

  PM108FRALSC-XXX Datasheet HTML 1Page - Anderson Power Products, Inc. PM108FRALSC-XXX Datasheet HTML 2Page - Anderson Power Products, Inc. PM108FRALSC-XXX Datasheet HTML 3Page - Anderson Power Products, Inc. PM108FRALSC-XXX Datasheet HTML 4Page - Anderson Power Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
All Data Subject To Change Without Notice
15250
DS-PM1RF REV12
HEADQUARTERS: Anderson Power Products®, 13 Pratts Junction Road, Sterling, MA 01564-2305 USA T:978-422-3600 F:978-422-0128
EUROPE: Anderson Power Products® Ltd., Unit 3, Europa Court, Europa Boulevard, Westbrook, Warrington, Cheshire, WA5 7TN United Kingdom T: +44 (0) 1925 428390 F: +44 (0) 1925 520203
ASIA / PACIFIC: IDEAL Anderson Asia Pacific Ltd., Unit 922-928 Topsail Plaza, 11 On Sum Street, Shatin N.T., Hong Kong T:+(852) 2636 0836 F:+(852) 2635 9036
CHINA: IDEAL Anderson Technologies (Shenzhen) Ltd., Block A8 Tantou Western Industrial Park, Songgang Baoan District, Shenzhen, PR. China 518105 T: +(86) 755 2768 2118 F: +(86) 755 2768 2218
TAIWAN: IDEAL Anderson Asia Pacific Ltd., Taiwan Branch, 4F.-2, No.116, Dadun 20th St., Situn District, Taichung City 407, Taiwan (R.O.C.) T: +(886) 4 2310 6451 F:+(886) 4 2310 6460
www.andersonpower.com
DIMENSIONS - mm(in.)
ORDERING INFORMATION
With Latch
Part
Number
Description
PM103FBALOO
1x3 FEMALE Straight PCB Solder
PM104FBALOO
1x4 FEMALE Straight PCB Solder
PM106FBALOO
1x6 FEMALE Straight PCB Solder
PM108FBALOO
1x8 FEMALE Straight PCB Solder
Push On PCB Fastener & Latch
Part
Number
Description
PM103FBALSP
1x3 FEMALE Straight PCB Solder
PM104FBALSP
1x4 FEMALE Straight PCB Solder
PM106FBALSP
1x6 FEMALE Straight PCB Solder
PM108FBALSP
1x8 FEMALE Straight PCB Solder
Self-tapping Screws For PCB Mount & Latch
Part
Number
Description
PM103FBALST
1x3 FEMALE Straight PCB Solder
PM104FBALST
1x4 FEMALE Straight PCB Solder
PM106FBALST
1x6 FEMALE Straight PCB Solder
PM108FBALST
1x8 FEMALE Straight PCB Solder
No Latch
Part
Number
Description
PM103FBAOOO
1x3 FEMALE Straight PCB Solder
PM104FBAOOO
1x4 FEMALE Straight PCB Solder
PM106FBAOOO
1x6 FEMALE Straight PCB Solder
PM108FBAOOO
1x8 FEMALE Straight PCB Solder
Push On PCB Fastener & No Latch
Part
Number
Description
PM103FBAOSP
1x3 FEMALE Straight PCB Solder
PM104FBAOSP
1x4 FEMALE Straight PCB Solder
PM106FBAOSP
1x6 FEMALE Straight PCB Solder
PM108FBAOSP
1x8 FEMALE Straight PCB Solder
Self-tappingScrewsForPCBMount&NoLatch
Part
Number
Description
PM103FBAOST
1x3 FEMALE Straight PCB Solder
PM104FBAOST
1x4 FEMALE Straight PCB Solder
PM106FBAOST
1x6 FEMALE Straight PCB Solder
PM108FBAOST
1x8 FEMALE Straight PCB Solder
A
5.0 (0.20)
1.6 (0.06)
3.7
(0.15)
1 Row - PCB Hole Layout For Straight Solder Connector
1 Row - PCB Straight Solder Connector
Finished hole
15.2
(0.60)
10.4
(0.41)
ROWS
A
L1
L2
CONTACTS mm in. mm in. mm in.
1 - 03
28.5 1.12 10 0.39 22.3 0.88
1 - 04
33.5 1.32 15 0.59 27.3 1.07
1 - 06
43.5 1.71 25 0.98 37.3 1.47
1 - 08
53.5 2.11 35 1.38 47.3 1.86
PCB contacts and mounting accessories are designed for a board thickness of 1.60mm (.063) with a contact protrusion of 2.10 (.083).
Other contact lengths are available upon request.
9.4
(0.37)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com