Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SM73201IMMX/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # SM73201IMMX/NOPB
Description  SM73201 16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SM73201IMMX/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  SM73201IMMX/NOPB Datasheet HTML 1Page - Texas Instruments SM73201IMMX/NOPB Datasheet HTML 2Page - Texas Instruments SM73201IMMX/NOPB Datasheet HTML 3Page - Texas Instruments SM73201IMMX/NOPB Datasheet HTML 4Page - Texas Instruments SM73201IMMX/NOPB Datasheet HTML 5Page - Texas Instruments SM73201IMMX/NOPB Datasheet HTML 6Page - Texas Instruments SM73201IMMX/NOPB Datasheet HTML 7Page - Texas Instruments SM73201IMMX/NOPB Datasheet HTML 8Page - Texas Instruments SM73201IMMX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
SM73201
SNOSB89B – JUNE 2011 – REVISED JUNE 2013
www.ti.com
Package Thermal Resistance
Package
θJA
10-lead VSSOP
Soldering process must comply with Reflow Temperature Profile specifications. Refer to SNOA549 Reflow
temperature profiles are different for lead-free packages.
SM73201 Converter Electrical Characteristics
(1)
The following specifications apply for VA = 4.5V to 5.5V, VIO = 2.7V to 5.5V, and VREF = 2.5V to 5.5V for fSCLK = 1 MHz to 4
MHz or VREF = 4.5V to 5.5V for fSCLK = 1 MHz to 5 MHz; fIN = 20 kHz, and CL = 25 pF, unless otherwise noted. Maximum and
minimum values apply for TA = TMIN to TMAX; the typical values apply for TA = 25°C.
Parameter
Test Conditions
Min
Typ
Max
Units
STATIC CONVERTER CHARACTERISTICS
Resolution
16
Bits
DNL
Differential Non-Linearity
-0.5/+0.8
LSB
INL
Integral Non-Linearity
±0.8
LSB
VREF = 2.5V
−0.1
mV
OE
Offset Error
VREF = 5V
−0.4
mV
VREF = 2.5V
3.7
µV/°C
OEDRIFT
Offset Error Temperature Drift
VREF = 5V
2.5
µV/°C
Positive Full-Scale Error
−0.003
%FS
FSE
Negative Full-Scale Error
−0.002
%FS
Positive Gain Error
−0.002
%FS
GE
Negative Gain Error
−0.0001
%FS
ppm/°
GEDRIFT
Gain Error Temperature Drift
0.3
C
DYNAMIC CONVERTER CHARACTERISTICS
VREF = 2.5V
85
88
dBc
SINAD
Signal-to-Noise Plus Distortion Ratio
VREF = 4.5V to 5.5V
89
93.0
dBc
VREF = 2.5V
85
88
dBc
SNR
Signal-to-Noise Ratio
VREF = 4.5V to 5.5V
89
93.2
dBc
VREF = 2.5V
−104
dBc
THD
Total Harmonic Distortion
VREF = 4.5V to 5.5V
−106
dBc
VREF = 2.5V
108
dBc
SFDR
Spurious-Free Dynamic Range
VREF = 4.5V to 5.5V
111
dBc
VREF = 2.5V
13.8
14.3
bits
ENOB
Effective Number of Bits
VREF = 4.5V to 5.5V
14.5
15.2
bits
ANALOG INPUT CHARACTERISTICS
VIN
Differential Input Range
−VREF
+VREF
V
CS high
±1
µA
IINA
Analog Input Current
VREF = 5V, VIN = 0V, fS = 50 kSPS
3.2
nA
VREF = 5V, VIN = 0V, fS = 200 kSPS
10.3
nA
In Acquisition Mode
20
pF
CINA
Input Capacitance (+IN or
−IN)
In Conversion Mode
4
pF
See the Specification Definitions for
CMRR
Common Mode Rejection Ratio
85
dB
the test condition
(1)
Typical values are at TJ = 25°C and represent most likely parametric norms. Test limits are ensured to TI's AOQL (Average Outgoing
Quality Level).
4
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: SM73201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com