Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SM320VC33 Datasheet(PDF) 40 Page - Texas Instruments

Part # SM320VC33
Description  SMx320VC33 Digital Signal Processor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SM320VC33 Datasheet(HTML) 40 Page - Texas Instruments

Back Button SM320VC33 Datasheet HTML 36Page - Texas Instruments SM320VC33 Datasheet HTML 37Page - Texas Instruments SM320VC33 Datasheet HTML 38Page - Texas Instruments SM320VC33 Datasheet HTML 39Page - Texas Instruments SM320VC33 Datasheet HTML 40Page - Texas Instruments SM320VC33 Datasheet HTML 41Page - Texas Instruments SM320VC33 Datasheet HTML 42Page - Texas Instruments SM320VC33 Datasheet HTML 43Page - Texas Instruments SM320VC33 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 53 page
background image
CLKX/R
FSX(INT)
FSX(EXT)
DX
FSR
DR
Bit 0
Bit n-2
Bit n-3
Bit n-2
Bit n-3
Bit n-1
Bit n-1
td(CLKX--FSX)
t d(FSX--DX)V
tsu(FSX--CLKX)
t su(DR--CLKRL)
t d(CLKX--DX)
t h(CLKRL-DR)
th(SCKL-FS)
t su(FSR-CLKRL)
t d(CLKX-DX)V
t dis(CLKX-DXZ)
SM320VC33, SMJ320VC33
SGUS034F – FEBRUARY 2001 – REVISED JUNE 2015
www.ti.com
Timing diagrams show operation with CLKXP = CLKRP = FSXP = FSRP = 0.
Timing diagrams depend on the length of the serial-port word, where n = 8, 16, 24, or 32 bits, respectively.
The timings that are not specified expressly for the variable data-rate mode are the same as those that are specified
for the fixed data-rate mode.
Figure 35. Variable Data-Rate Mode Timing
8.2.20 HOLD Timing
HOLD is a synchronous input that can be asserted at any time during a clock cycle. If the specified timings are
met, the exact sequence shown in Figure 17 and Figure 18 occurs; otherwise, an additional delay of one clock
cycle is possible.
Timing Requirements for HOLD/HOLDA defines the timing parameters for the HOLD and HOLDA signals.
The NOHOLD bit of the primary-bus control register overrides the HOLD signal. When this bit is set, the device
comes out of hold and prevents future hold cycles.
Asserting HOLD prevents the processor from accessing the primary bus. Program execution continues until a
read from or a write to the primary bus is requested. In certain circumstances, the first write is pending, thus
allowing the processor to continue (internally) until a second external write is encountered.
Figure 17, Figure 18, and the accompanying timings are for a zero wait-state bus configuration. Because HOLD
is internally captured by the CPU on the H1 falling edge one cycle before the present cycle is terminated, the
minimum HOLD width for any bus configuration is, therefore, WTCNT + 3. Also, do not deassert HOLD before
HOLDA has been active for at least one cycle.
8.2.21 General-Purpose I/O Timing
Peripheral pins include CLKX0, CLKR0, DX0, DR0, FSX0, FSR0, and TCLK0/1. The contents of the internal
control registers associated with each peripheral define the modes for these pins.
8.2.22 Peripheral Pin I/O Timing
Timing Requirements for Peripheral Pin General-Purpose I/O shows the timing parameters for changing the
peripheral pin from a general-purpose output pin to a general-purpose input pin and vice versa.
8.2.23 Timer Pin Timing
Valid logic-level periods and polarity are specified by the contents of the internal control registers.
40
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
Product Folder Links: SM320VC33 SMJ320VC33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com