Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SMJ320C25FDM Datasheet(PDF) 22 Page - Texas Instruments

Part # SMJ320C25FDM
Description  DIGITAL SIGNAL PROCESSOR
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SMJ320C25FDM Datasheet(HTML) 22 Page - Texas Instruments

Back Button SMJ320C25FDM Datasheet HTML 18Page - Texas Instruments SMJ320C25FDM Datasheet HTML 19Page - Texas Instruments SMJ320C25FDM Datasheet HTML 20Page - Texas Instruments SMJ320C25FDM Datasheet HTML 21Page - Texas Instruments SMJ320C25FDM Datasheet HTML 22Page - Texas Instruments SMJ320C25FDM Datasheet HTML 23Page - Texas Instruments SMJ320C25FDM Datasheet HTML 24Page - Texas Instruments SMJ320C25FDM Datasheet HTML 25Page - Texas Instruments SMJ320C25FDM Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
SMJ320C25, SMJ320C2550
DIGITAL SIGNAL PROCESSOR
SGUS007D – AUGUST 1988 – REVISED OCTOBER 2001
22
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
serial port timing
switching characteristics over recommended operating conditions (see Note 1)
PARAMETER
SMJ320C25-50
SMJ320C25
UNIT
PARAMETER
MIN
MAX
MIN
MAX
UNIT
td(CH-DX)
Delay time, DX valid after CLKX rising edge (see Note 8)
75
80
ns
td(FL-DX)
Delay time, DX valid after FSX falling edge (TXM = 0. see Note 8)
40
45
ns
td(CH-FS)
FSX valid after CLKX rising edge (TXM = 1 )
40
45
ns
timing requirements over recommended operating conditions (see Note 1)
SMJ320C25-50
SMJ320C25
UNIT
MIN
MAX
MIN
MAX
UNIT
fsx
Serial port frequency
1.25
6250
1.25
5000
kHz
tc(SCK)
Serial port clock (CLKX/CLKR) cycle time
160
800 000
200
800 000
ns
tw(SCK1
Serial port clock (CLKX/CLKR) low pulse duration (see Note 9)
64
80
ns
tw(SCK)
Serial port clock (CLKX/CLKR) high pulse duration (see Note 9)
64
80
ns
tsu(FS)
FSX/FSR setup time before CLKX/CLKR falling edge (TXM = 0)
5
18
ns
th(FS)
FSX/FSR hold time after CLKX/CLKR falling edge (TXM = 0)
10
20
ns
tsu(DR)
OR setup time before CLKR falling edge
5
10
ns
th(DR)
OR hold time after CLKR falling edge
10
20
ns
NOTES:
1: Q = 1/4tc(C)
8. The last occurrence of FSX falling and CLKX rising.
9. The duty cycle of the serial port clock must be within 40–60% .Serial port clock (CLKX/CLKR) rise and fall times must be less than
25 ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com