Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1AS1T2B4M7REF Datasheet(PDF) 2 Page - Multicomp Pro

Part # 1AS1T2B4M7REF
Description  1A Series Sealed Toggle Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

1AS1T2B4M7REF Datasheet(HTML) 2 Page - Multicomp Pro

  1AS1T2B4M7REF Datasheet HTML 1Page - Multicomp Pro 1AS1T2B4M7REF Datasheet HTML 2Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page <2>
V1.0
29/06/20
1A Series
Sealed Toggle Switch
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Part Number Table
Description
Part Number
Switch, PCB, SPDT
1AS1T2B4M7RE
Soldering Processes
Manual Soldering
: Use soldering iron of 30 watts, controlled at 350°C
approximately 5 seconds while applying solder.
Wave Soldering
: Recommended Soldering Temperature: 260± 5°C
Duration of Solder Immersion: Max 5 sec. (PCB is 1.6mm in thickness)
Dimensions : Inches (Millimetres)
Diagram
Snap-in Termination Option
Part Number Explanation
P.C.MOUNTING
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com